Electronic Components Datasheet Search
  English  ▼

X  

LM92CIMX Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM92CIMX
Description  짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM92CIMX Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM92CIMX Datasheet HTML 2Page - National Semiconductor (TI) LM92CIMX Datasheet HTML 3Page - National Semiconductor (TI) LM92CIMX Datasheet HTML 4Page - National Semiconductor (TI) LM92CIMX Datasheet HTML 5Page - National Semiconductor (TI) LM92CIMX Datasheet HTML 6Page - National Semiconductor (TI) LM92CIMX Datasheet HTML 7Page - National Semiconductor (TI) LM92CIMX Datasheet HTML 8Page - National Semiconductor (TI) LM92CIMX Datasheet HTML 9Page - National Semiconductor (TI) LM92CIMX Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical Characteristics (Continued)
Note 9: The limits found in the following table supersede the limits shown in the Electrical Characteristics Table. The Accuracy specification includes errors due to
linearity, offset and gain. The accuracy specification includes effects of self heating with negligible digital output loading. Pull-up resistors should be maximized (10k
typical recommended), so that self heating due to digital output loading is negligible.
Temperature Accuracy Parameter Limits
Units
Conditions
+V
S=2.7V
+V
S=3.3V
+V
S=4V
+V
S=5V
+V
S=5.5V
T
A = −25˚C
−1.35/+1.50
−1.25/+1.50
−1.25/+1.50
−1.05/+1.70
−1.05/+1.80
˚C (max)
T
A = −10˚C
±1.00
−0.90/+1.00
−0.90/+1.00
−0.70/+1.20
−0.70/+1.30
˚C (max)
T
A = 0˚C
−0.80/+0.75
−0.70/+0.75
−0.70/+0.75
−0.50/+0.95
−0.50/+1.05
˚C (max)
T
A = 10˚C
−0.60/+0.50
±0.50
±0.50
−0.30/+0.70
−0.30/+0.80
˚C (max)
T
A = 30˚C
−0.43/+0.33
±0.33
±0.33
−0.13/+0.53
−0.13/+0.63
˚C (max)
T
A = 50˚C
−0.60/+0.50
±0.50
±0.50
−0.30/+0.70
−0.30/+0.80
˚C (max)
T
A = 85˚C
−1.10/+0.85
−1.00/+0.85
−1.00/+0.85
−0.80/+1.05
−0.80/+1.15
˚C (max)
T
A = 125˚C
−1.60/+1.25
−1.50/+1.25
±1.25
−1.05/+1.45
−1.05/+1.55
˚C (max)
T
A = 150˚C
±1.90
−1.75/+1.50
±1.50
−1.30/+1.70
−1.30/+1.80
˚C (max)
Limits at intermediate temperatures can be calculated using a straight line interpolation as shown in the following graphs:
Note 10: 12 bits + sign, two’s complement
Accuracy vs Temperature with +V
s =5V
DS101051-20
Accuracy vs Temperature with +V
s = 3.3V
DS101051-21
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com