Electronic Components Datasheet Search
  English  ▼

X  

LM9618 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9618
Description  Monochrome CMOS Image Sensor VGA 30 FPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9618 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM9618 Datasheet HTML 1Page - National Semiconductor (TI) LM9618 Datasheet HTML 2Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©2002 National Semiconductor Corporation
www.national.com
ADVANCE INFORMATION
LM9618 Monochrome CMOS Image Sensor VGA 30 FPS
General Description
The LM9618 is a high performance, low power, 1/3” VGA CMOS
Active Pixel Sensor capable of capturing grey-scale digital still or
motion images and converting them to a digital data stream.
In addition to the active pixel array, an on-chip 12 bit A/D conver-
tor, fixed pattern noise elimination circuits, a video gain and sep-
arate color gain are provided. Furthermore, an integrated
programmable smart timing and control circuit allows the user
maximum flexibility in adjusting integration time, active window
size, gain and frame rate. Various control, timing and power
modes are also provided.
The excellent linear dynamic range of the sensor can be
extended to above 100dB by programming a non linear
response curve that matches the response of the human eye.
Features
f Video or snapshot operations
f Progressive scan and interlace read out modes.
f Programmable pixel clock, inter-frame and inter-line delays.
f Programmable partial or full frame integration
f Programmable gain and individual color gain
f Horizontal & vertical sub-sampling (2:1 & 4:2)
f Programmable digital video response curve
f Windowing
f External snapshot trigger & event synchronisation signals
f Auto black level compensation
f Flexible digital video read-out supporting programmable:
- polarity for synchronisation and pixel clock signals
- leading edge adjustment for horizontal synchronization
f Programmable via 2 wire I2C compatible serial interface
f Power on reset & power down mode
Applications
f Security Cameras
f Machine Vision
f Automotive
f Biometrics
f IR imaging
f Barcode Scanners
Key Specifications
Array Format
Total:
664H x 504V
Active:
648H x 488 V
Effective Image Area
Total:
4.98 mm x 3.78 mm
Active: 4.86 mm x 3.66 mm
Optical Format
1/3“
Pixel Size
7.5
µm x 7.5µm
Video Outputs
8,10 & 12 Bit Digital
Frame Rate
30 frames per second
Dynamic Range
62dB in linear mode
110dB in non linear mode
Electronic Shutter
Rolling reset
FPN
0.1%
PRMU
1.5%
Sensitivity
5 V/lux.s
Quantum Efficiency
27%
Fill Factor
47%
Package
48 CLCC
Single Supply
3.3 V +/-10%
Power Consumption
120 mW
Operating Temp
-40 to 85oC
APS Array
POR
d[11:0]
pclk
hsync
vsync
Row Address
Decoder
Vertical
Horizontal
Master Timer
Timing
Timing
Row Address
Gen
Clock Gen
I2C Compatible
Register Bank
Reset
Gen
Gain
Control
Serial I/F
sda
sclk
sadr
Power
Control
pdwn
snapshot
extsync
Controller
(sequencer)
mclk
oe
reset
12 Bit A/D
R
G
B
AMP
MUX
Overall Chip Block Diagram
May 2002


Similar Part No. - LM9618

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM96163 NSC-LM96163 Datasheet
780Kb / 42P
Remote Diode Digital Temperature Sensor with Integrated Fan Control and TruTherm짰 BJT Transistor Beta Fan Control and TruTherm짰 BJT Transistor Beta
logo
Texas Instruments
LM96163 TI1-LM96163 Datasheet
1Mb / 49P
Remote Diode Digital Temperature Sensor
LM96163 TI2-LM96163 Datasheet
953Kb / 49P
LM96163 Remote Diode Digital Temperature Sensor with Integrated Fan Control and TruTherm® BJT Transistor Beta Compensation Technology
REVISED MAY 2013
logo
National Semiconductor ...
LM96163C NSC-LM96163C Datasheet
780Kb / 42P
Remote Diode Digital Temperature Sensor with Integrated Fan Control and TruTherm짰 BJT Transistor Beta Fan Control and TruTherm짰 BJT Transistor Beta
logo
Texas Instruments
LM96163CISD/NOPB TI1-LM96163CISD/NOPB Datasheet
1Mb / 49P
Remote Diode Digital Temperature Sensor
More results

Similar Description - LM9618

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9617 NSC-LM9617 Datasheet
366Kb / 37P
Monochrome CMOS Image Sensor VGA 30 FPS
LM9627 NSC-LM9627 Datasheet
370Kb / 37P
Color CMOS Image Sensor VGA 30 FPS
LM9637 NSC-LM9637 Datasheet
657Kb / 2P
LM9637 Monochrome CMOS Image Sensor VGA 68 FPS
LM9647 NSC-LM9647 Datasheet
919Kb / 2P
LM9647 Color CMOS Image Sensor VGA 68 FPS
LM9630 NSC-LM9630 Datasheet
150Kb / 2P
LM9630 100 x 128, 580 fps Ultra Sensitive Monochrome CMOS Image Sensor
LM9628 NSC-LM9628 Datasheet
942Kb / 2P
LM9628 Color CMOS Image Sensor VGA 30 FPS
LM9638 NSC-LM9638 Datasheet
200Kb / 2P
Monochrome CMOS Image Sensor SXGA 18 FPS
logo
Agilent(Hewlett-Packard...
ADCS-1121 HP-ADCS-1121 Datasheet
92Kb / 2P
CMOS Monochrome Image Sensors
logo
STMicroelectronics
VV6501 STMICROELECTRONICS-VV6501 Datasheet
544Kb / 60P
VGA CMOS Color Image Sensor
Sep-2003
logo
Pixart Imaging Inc.
PAS6352 PIXART-PAS6352 Datasheet
313Kb / 16P
CMOS VGA IMAGE SENSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com