Electronic Components Datasheet Search
  English  ▼

X  

RO8061 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # RO8061
Description  Outdoor 3G Radome Omni 2 dBi Antenna
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

RO8061 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  RO8061 Datasheet HTML 1Page - Pulse A Technitrol Company RO8061 Datasheet HTML 2Page - Pulse A Technitrol Company RO8061 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
L124.B (06/11)
1
pulseelectronics.com/products/antennas
Outdoor 3G Radome Omni
2 dBi Antenna
Pulse Part Number RO8061/21702 Family
San Diego, CA 858 674 8100
Vancouver, WA 360 944 7551
Europe 49 7032 7806 0
Asia 86 755 33966678
North Asia 886 3 4356768
China 86 512 6807 9998
Pulse announces a new outdoor radome omni antenna
for 3G operations. The frequency range covers 806-
960 and 1710-2170 MHz with peak gain levels of 1.5 and
2.5 dBi delivered in the lower and higher frequency bands
respectively. The white Pultruded Fiberglass radome is
216 mm (8.5 inches) in height, UV protected and IP-67
rated. It has been tested to wind loading of 150 mph.
The antenna is designed for installation on a mast or ex-
ternal wall using the FB2BRACKET or FB3BRACKET.
Key applications are femto cells, 3G repeaters and small
base stations. Given the frequency range covered by
the RO8061/27102, this antenna is also suitable for other
global cellular bands such as GPRS, EDGE, HSDPA, GSM,
UMTS.
Features
- Frequency Range 806-960/1710-2170 MHz
- Omni Directional with 2 dBi Gain
- UV Protected and IP-67 Rated
- RoHS Compliant Product
Applications
- 3G Repeaters
- Femto Cell
- Small Base Station
Part Number
Connector
RO8061/21702NM
N Male
RO8061/21702NF
N Female


Similar Part No. - RO8061

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
RO806/2170NM PULSE-RO806/2170NM Datasheet
503Kb / 3P
All NMO mount antennas listed in this catalog section require the NMOHF-style
RO8063 PULSE-RO8063 Datasheet
1Mb / 3P
Outdoor 3G Radome Omni 4 dBi Antenna
RO8063/21704NF PULSE-RO8063/21704NF Datasheet
1Mb / 3P
Outdoor 3G Radome Omni 4 dBi Antenna
RO8063/21704NM PULSE-RO8063/21704NM Datasheet
1Mb / 3P
Outdoor 3G Radome Omni 4 dBi Antenna
More results

Similar Description - RO8061

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMB891203F21 ETC2-OMB891203F21 Datasheet
523Kb / 11P
3 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
OMB891205F21 ETC2-OMB891205F21 Datasheet
566Kb / 12P
5 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
logo
Level One
OAN-2090 LVL1-OAN-2090 Datasheet
209Kb / 3P
9 dBi Omni Directional Indoor/ Outdoor Antenna Kit
logo
Pulse A Technitrol Comp...
RO8063 PULSE-RO8063 Datasheet
1Mb / 3P
Outdoor 3G Radome Omni 4 dBi Antenna
RO17102NM PULSE-RO17102NM Datasheet
240Kb / 3P
Radome Omni Antenna
W5067 PULSE-W5067 Datasheet
490Kb / 7P
Radome Omni ??Omni directional Antenna
logo
Taoglas antenna solutio...
OMB891205F21 TAOGLAS-OMB891205F21 Datasheet
604Kb / 12P
5 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
OMB891203F21 TAOGLAS-OMB891203F21 Datasheet
523Kb / 11P
3 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
OMB.8912.05F21 TAOGLAS-OMB.8912.05F21_18 Datasheet
761Kb / 14P
Barracuda - 5 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
logo
Pulse A Technitrol Comp...
RO600NFKIT PULSE-RO600NFKIT Datasheet
774Kb / 7P
Outdoor 5G/4G Radome Omni Dipole Antenna
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com