Electronic Components Datasheet Search
  English  ▼

X  

LMUHFBASEB Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # LMUHFBASEB
Description  Outside coupler and factory tuned whip only for KG UHF glass mount antennas
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

LMUHFBASEB Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  LMUHFBASEB Datasheet HTML 1Page - Pulse A Technitrol Company LMUHFBASEB Datasheet HTML 2Page - Pulse A Technitrol Company LMUHFBASEB Datasheet HTML 3Page - Pulse A Technitrol Company LMUHFBASEB Datasheet HTML 4Page - Pulse A Technitrol Company LMUHFBASEB Datasheet HTML 5Page - Pulse A Technitrol Company LMUHFBASEB Datasheet HTML 6Page - Pulse A Technitrol Company LMUHFBASEB Datasheet HTML 7Page - Pulse A Technitrol Company LMUHFBASEB Datasheet HTML 8Page - Pulse A Technitrol Company LMUHFBASEB Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1 800 ANTENNA
63
NOTE: Antennas are not to scale
UHF 406-512 MHz
To convert to Gain (dBd):
Gain (dBi) - 2.14
MODEL
FREQUENCY (MHz)
REP. WHIP
KG406UDPL
406 - 420
WKG406
KG420UDPL
420 - 440
WKG420
KG450UDPL
450 - 470
WKG450
KG470UDPL
470 - 490
WKG470
SPECIFICATIONS
GAIN
2.14 dBi
TYPE
1/2 wave
VSWR (see bandwidth)
2:1
BANDWIDTH @ 1.5
2%
BANDWIDTH @ 2.0
3.5
POWER RATING
100 Watts
COLOR
Black
CONNECTOR
PL-259T
WHIP
0.070
COAX
14’ RG-58/U Dual Shield
MAX HEIGHT
15”
Complete Kulglass glass mount factory
tuned antenna with PL-259, 406 - 512 MHz.
Inside coupler and 14’ UD coax for KG
UHF glass mount antennas, 406 - 512 MHz.
MODEL
FREQUENCY (MHz)
KGUHFUDI/S
406 - 512
SPECIFICATIONS
TYPE
Inside Coupler
POWER RATING
100 Watts
COLOR
Black
CONNECTOR
Order separately
COAX
14’ RG-58/U Dual Shield



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com