Electronic Components Datasheet Search
  English  ▼

X  

LP450 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # LP450
Description  Outside coupler and factory tuned whip only for KG UHF glass mount antennas
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

LP450 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  LP450 Datasheet HTML 1Page - Pulse A Technitrol Company LP450 Datasheet HTML 2Page - Pulse A Technitrol Company LP450 Datasheet HTML 3Page - Pulse A Technitrol Company LP450 Datasheet HTML 4Page - Pulse A Technitrol Company LP450 Datasheet HTML 5Page - Pulse A Technitrol Company LP450 Datasheet HTML 6Page - Pulse A Technitrol Company LP450 Datasheet HTML 7Page - Pulse A Technitrol Company LP450 Datasheet HTML 8Page - Pulse A Technitrol Company LP450 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.larsen-antennas.com
NOTE: Antennas are not to scale
62
UHF 406-512 MHz
To convert to Gain (dBd):
Gain (dBi) - 2.14
MODEL
FREQUENCY (MHz)
REP. WHIP
KG406O/S
406 - 420
WKG406
KG420O/S
420 - 440
WKG420
KG450O/S
450 - 470
WKG450
KG470O/S
470 - 490
WKG470
KG490O/S
490 - 512
WKG490
SPECIFICATIONS
GAIN
2.14 dBi
TYPE
1/2 wave
VSWR (see bandwidth)
2:1
BANDWIDTH @ 1.5
2%
BANDWIDTH @ 2.0
3.5
POWER RATING
100 Watts
COLOR
Black
WHIP
0.070
COAX
Order separately / KGUHFUDI/S
MAX HEIGHT
15”
Outside coupler and factory tuned whip
only for KG UHF glass mount antennas.
MODEL
FREQUENCY (MHz)
REP. WHIP
KG406UD
406 - 420
WKG406
KG420UD
420 - 440
WKG420
KG450UD
450 - 470
WKG450
KG470UD
470 - 490
WKG470
KG490UD
490 - 512
WKG490
SPECIFICATIONS
GAIN
2.14 dBi
TYPE
1/2 wave
VSWR (see bandwidth)
2:1
BANDWIDTH @ 1.5
2%
BANDWIDTH @ 2.0
3.5
POWER RATING
100 Watts
COLOR
Black
CONNECTOR
Order separately
WHIP
0.070
COAX
14’ RG-58/U Dual Shield
MAX HEIGHT
15”
Complete Kulglass glass mount factory
tuned antenna, 406 - 512 MHz.


Similar Part No. - LP450

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
LP450 PULSE-LP450 Datasheet
395Kb / 3P
UHF 406-512 MHz
LP450 PULSE-LP450 Datasheet
294Kb / 11P
Outside coupler and factory tuned whip only for KG UHF glass mount antennas
LP450NMO PULSE-LP450NMO Datasheet
395Kb / 3P
UHF 406-512 MHz
LP450NMO PULSE-LP450NMO Datasheet
294Kb / 11P
Outside coupler and factory tuned whip only for KG UHF glass mount antennas
LP450NMOW PULSE-LP450NMOW Datasheet
395Kb / 3P
UHF 406-512 MHz
More results

Similar Description - LP450

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33591 MOTOROLA-MC33591 Datasheet
699Kb / 28P
PLL Tuned UHF Receiver for Data Transfer Applications
logo
Harris Corporation
SB-V16 HARRIS-SB-V16 Datasheet
338Kb / 2P
VERTICAL HF WHIP ANTENNAS
logo
Freescale Semiconductor...
MC33493 FREESCALE-MC33493 Datasheet
414Kb / 22P
PLL Tuned UHF Transmitter for Data Transfer
MC33592FTAER2 FREESCALE-MC33592FTAER2 Datasheet
530Kb / 28P
PLL Tuned UHF Receiver for Data Transfer Applications
logo
Pulse A Technitrol Comp...
KG406UD PULSE-KG406UD Datasheet
294Kb / 11P
Outside coupler and factory tuned whip only for KG UHF glass mount antennas
logo
NXP Semiconductors
MC33493 NXP-MC33493 Datasheet
502Kb / 22P
PLL Tuned UHF Transmitter for Data Transfer
Rev. 1.7, 03/2007
MC33493A NXP-MC33493A Datasheet
503Kb / 22P
PLL Tuned UHF Transmitter for Data Transfer
Rev. 2, 07/2007
MC33591 NXP-MC33591 Datasheet
798Kb / 28P
PLL Tuned UHF Receiver for Data Transfer Applications
2002
logo
Linx Technologies
ANT-2.4-OC-LG LINX-ANT-2.4-OC-LG Datasheet
139Kb / 1P
Increased gain versus standard whip antennas
3-22-11
logo
PCTEL, Inc.
MWV PCTEL-MWV Datasheet
147Kb / 1P
VHF and UHF Wideband Antennas - No Tune
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com