Electronic Components Datasheet Search
  English  ▼

X  

PCF1 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # PCF1
Description  Precise temperature control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

PCF1 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  PCF1 Datasheet HTML 1Page - Laird Tech Smart Technology PCF1 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SUFFIX
THICKNESS
FLATNESS &
PARALLELISM
HOT
FACE
COLD
FACE
LEAD
LENGTH
TA
0.131”± 0.001”
0.001” / 0.001”
Lapped
Lapped
6”
TB
0.131”± 0.0005”
0.0005” / 0.0005” Lapped
Lapped
6”
Power-Cycling Series
PC8,12,F1,4040,TA,W6
Thermal Cycling Module
Americas: +1.919.597.7300
Europe: +46.31.420530
Asia: +86.755.2714.1166
ets.sales@lairdtech.com
www.lairdtech.com
PERFORMANCE SPECIFICATIONS
Hot Side Temperature (°C)
25°C
50°C
Qmax (Watts)
72.0
81.5
Delta Tmax (°C)
67
75
Imax (Amps)
8.5
8.5
Vmax (Volts)
14.5
16.4
Module Resistance (Ohms)
1.55
1.75
FEATURES
• High thermal cycling capability
• Precise temperature control
• Reliable solid state operation
• No sound or vibration
• RoHS Compliant
APPLICATIONS
• Molecular Diagnostics
• Clinical Diagnostics
• Analytical Instrumentation
• Electronic Enclosure Cooling
• Chillers (Liquid Cooling)
The PowerCycling Series is a thermoelectric module (TEM) designed for thermal cycling
between multiple temperature set points and is ideal for applications in healthcare
[and others] where fast temperature changes are required. The module is specially
constructed to reduce the amount of stress induced on the TE elements during operation.
This product line has been tested to withstand 500K cycles without degradation in
performance. The TEMs are assembled using Bismuth Telluride semiconductor material
and thermally conductive Aluminum Oxide ceramics.
SUFFIX SEALANT COLOR TEMP RANGE DESCRIPTION
RT
RTV
White
-60 to 204 °C
Non-corrosive, silicone adhesive sealant
SEALING OPTION


Similar Part No. - PCF1

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
PCF1 KOA-PCF1 Datasheet
344Kb / 3P
ceramic fixed power type leaded resistor
PCF1 KOA-PCF1 Datasheet
344Kb / 3P
ceramic fixed power type leaded resistor
logo
Mersen
PCF1-H MERSEN-PCF1-H Datasheet
253Kb / 2P
Fast-Acting PC Mount Fuses
PCF1-R MERSEN-PCF1-R Datasheet
253Kb / 2P
Fast-Acting PC Mount Fuses
PCF1-S MERSEN-PCF1-S Datasheet
253Kb / 2P
Fast-Acting PC Mount Fuses
More results

Similar Description - PCF1

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
AA-034-12-22 LSTD-AA-034-12-22 Datasheet
976Kb / 2P
Precise temperature control
DA-039-12-02 LSTD-DA-039-12-02 Datasheet
908Kb / 2P
Precise temperature control
DA-075-12-02 LSTD-DA-075-12-02 Datasheet
754Kb / 2P
Precise temperature control
HT2 LSTD-HT2 Datasheet
580Kb / 2P
Precise Temperature Control
HT6 LSTD-HT6 Datasheet
353Kb / 2P
Precise Temperature Control
MS5 LSTD-MS5 Datasheet
536Kb / 2P
Precise temperature control
PC4 LSTD-PC4 Datasheet
584Kb / 2P
Precise temperature control
DA-115-24-02 LSTD-DA-115-24-02 Datasheet
870Kb / 2P
Precise temperature control
LA-045-12-02-00-00 LSTD-LA-045-12-02-00-00 Datasheet
307Kb / 3P
Precise temperature control
LA-115-24-02-00-00 LSTD-LA-115-24-02-00-00 Datasheet
300Kb / 3P
Precise temperature control
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com