Electronic Components Datasheet Search
  English  ▼

X  

LMH6504MA Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6504MA
Description  Wideband, Low Power, Variable Gain Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6504MA Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMH6504MA Datasheet HTML 11Page - National Semiconductor (TI) LMH6504MA Datasheet HTML 12Page - National Semiconductor (TI) LMH6504MA Datasheet HTML 13Page - National Semiconductor (TI) LMH6504MA Datasheet HTML 14Page - National Semiconductor (TI) LMH6504MA Datasheet HTML 15Page - National Semiconductor (TI) LMH6504MA Datasheet HTML 16Page - National Semiconductor (TI) LMH6504MA Datasheet HTML 17Page - National Semiconductor (TI) LMH6504MA Datasheet HTML 18Page - National Semiconductor (TI) LMH6504MA Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Application Information (Continued)
CIRCUIT LAYOUT CONSIDERATIONS & EVALUATION
BOARD
A good high frequency PCB layout including ground plane
construction and power supply bypassing close to the pack-
age are critical to achieving full performance. The amplifier is
sensitive to stray capacitance to ground at the I
- input (pin 7);
keep node trace area small. Shunt capacitance across the
feedback resistor should not be used to compensate for this
effect. Capacitance to ground should be minimized by re-
moving the ground plane from under the body of R
G. Para-
sitic or load capacitance directly on the output (pin 6) de-
grades phase margin leading to frequency response
peaking.
The LMH6504 is fully stable when driving a 100
Ω load. With
reduced load (e.g. 1k.) there is a possibility of instability at
very high frequencies beyond 400 MHz especially with a
capacitive load. When the LMH6504 is connected to a light
load as such, it is recommended to add a snubber network to
the output (e.g. 100
Ω and 39 pF in series tied between the
LMH6504 output and ground). C
L can also be isolated from
the output by placing a small resistor in series with the output
(pin 6).
Component parasitics also influence high frequency results.
Therefore it is recommended to use metal film resistors such
as RN55D or leadless components such as surface mount
devices. High profile sockets are not recommended.
National Semiconductor suggests the following evaluation
board as a guide for high frequency layout and as an aid in
device testing and characterization:
Device
Package
Evaluation Board
Part Number
LMH6504
SOIC
CLC730066
The evaluation board is shipped when a device sample
request is placed with National Semiconductor.
20084360
FIGURE 9. Automatic Gain Control Circuit #2
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com