Electronic Components Datasheet Search
  English  ▼

X  

LMH6739 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6739
Description  Very Wideband, Low Distortion Triple Video Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6739 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMH6739 Datasheet HTML 1Page - National Semiconductor (TI) LMH6739 Datasheet HTML 2Page - National Semiconductor (TI) LMH6739 Datasheet HTML 3Page - National Semiconductor (TI) LMH6739 Datasheet HTML 4Page - National Semiconductor (TI) LMH6739 Datasheet HTML 5Page - National Semiconductor (TI) LMH6739 Datasheet HTML 6Page - National Semiconductor (TI) LMH6739 Datasheet HTML 7Page - National Semiconductor (TI) LMH6739 Datasheet HTML 8Page - National Semiconductor (TI) LMH6739 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
+ -V–)
13.2V
I
OUT
(Note 3)
Common Mode Input Voltage
±V
CC
Maximum Junction Temperature
+150˚C
Storage Temperature Range
−65˚C to +150˚C
Soldering Information
Infrared or Convection (20 sec.)
235˚C
Wave Soldering (10 sec.)
260˚C
ESD Tolerance (Note 4)
Human Body Model
2000V
Machine Model
200V
Storage Temperature Range
−65˚C to +150˚C
Operating Ratings (Note 1)
Operating Temperature Range
−40˚C
+85˚C
Supply Voltage (V
+ -V–)
8V
to
12V
Thermal Resistance
Package
(
θ
JC)(
θ
JA)
16-Pin SSOP
36˚C/W
120˚C/W
Electrical Characteristics (Note 2)
A
V = +2, VCC = ±5V, RL = 100
Ω; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Performance
UGBW
-3 dB Bandwidth
Unity Gain, V
OUT = 200 mVPP
750
MHz
SSBW
-3 dB Bandwidth
V
OUT = 200 mVPP
480
MHz
LSBW
V
OUT =2VPP
400
0.1 dB Bandwidth
V
OUT =2VPP
150
MHz
GFR2
Rolloff
@ 300 MHz, V
OUT =2VPP
1.0
dB
Time Domain Response
TRS
Rise and Fall Time
(10% to 90%)
2V Step
0.9
ns
TRL
5V Step
1.7
SR
Slew Rate
5V Step
3300
V/µs
t
s
Settling Time to 0.1%
2V Step
10
ns
t
e
Enable Time
From Disable = rising edge.
7.3
ns
t
d
Disable Time
From Disable = falling edge.
4.5
ns
Distortion
HD2L
2
nd Harmonic Distortion
2 V
PP, 5 MHz
−80
dBc
HD2
2 V
PP, 20 MHz
−71
HD2H
2 V
PP, 50 MHz
−55
HD3L
3
rd Harmonic Distortion
2 V
PP, 5 MHz
−90
dBc
HD3
2 V
PP, 20 MHz
−85
HD3H
2 V
PP, 50 MHz
−65
Equivalent Input Noise
V
N
Non-Inverting Voltage
>1 MHz
2.3
nV/
I
CN
Inverting Current
>1 MHz
12
pA/
N
CN
Non-Inverting Current
>1 MHz
3
pA/
Video Performance
DG
Differential Gain
4.43 MHz, R
L = 150
Ω
.02
%
DP
Differential Phase
4.43 MHz, R
L = 150
Ω
.01
degree
Static, DC Performance
V
OS
Input Offset Voltage (Note 6)
0.5
±2.5
±4.5
mV
I
BN
Input Bias Current (Note 6)
Non-Inverting
−16
−21
−8
0
+5
µV
I
BI
Input Bias Current (Note 6)
Inverting
−2
±30
±40
µA
PSRR
Power Supply Rejection Ratio
(Note 6)
50
48.5
53
dB
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com