Electronic Components Datasheet Search
  English  ▼

X  

LMH6504MM Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6504MM
Description  Wideband, Low Power, Variable Gain Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6504MM Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMH6504MM Datasheet HTML 11Page - National Semiconductor (TI) LMH6504MM Datasheet HTML 12Page - National Semiconductor (TI) LMH6504MM Datasheet HTML 13Page - National Semiconductor (TI) LMH6504MM Datasheet HTML 14Page - National Semiconductor (TI) LMH6504MM Datasheet HTML 15Page - National Semiconductor (TI) LMH6504MM Datasheet HTML 16Page - National Semiconductor (TI) LMH6504MM Datasheet HTML 17Page - National Semiconductor (TI) LMH6504MM Datasheet HTML 18Page - National Semiconductor (TI) LMH6504MM Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Application Information (Continued)
trim pot R
4 to null the offset voltage at the output. This will
eliminate the output stage offsets. Next set V
G to 2V and
adjust the trim pot R
1 to null the offset voltage at the output.
This will eliminate the input stage offsets.
DIGITAL GAIN CONTROL
Digitally variable gain control can be easily realized by driv-
ing the LMH6504’s gain control input with a digital-to-analog
converter (DAC). Figure 7 illustrates such an application.
This circuit employs National Semiconductor’s eight-bit
DAC0830, the LMC8101 MOS input op-amp (Rail-to-Rail
Input/Output), and the LMH6504 VGA. With V
REF set to 2V,
the circuit provides up to 80 dB of gain control in 256 steps
with up to 0.05% full scale resolution. The maximum gain of
this circuit is 20 dB.
USING THE LMH6504 IN AGC APPLICATIONS
In AGC applications, the control loop forces the LMH6504 to
have a fixed output amplitude. The input amplitude will vary
over a wide range and this can be the issue that limits
dynamic range. At high input amplitudes, the distortion due
to the input buffer driving R
G may exceed that which is
produced by the output amplifier driving the load. In the plot,
Distortion vs. Gain, total harmonic distortion (THD) is plotted
over a gain range of nearly 35 dB for a fixed output amplitude
of 0.25 V
PP in the specified configuration, RF = 1k, RG =
100
Ω. When the gain is adjusted to -15 dB (i.e. 35 dB down
from A
VMAX), the input amplitude would be 1.41 VPP and we
can see the distortion is at its worst at this gain. If the output
amplitude of the AGC were to be raised above 0.25 V
PP, the
input amplitudes for gains 40 dB down from A
VMAX would be
even higher and the distortion would degrade further. It is for
this reason that we recommend lower output amplitudes if
wide gain ranges are desired. Using a post-amp like the
LMH6714/ 6720/ 6722 family or LMH6702 would be the best
way to preserve dynamic range and yield output amplitudes
much higher than 100 mV
PP. Another way of addressing
distortion performance and its limitations on dynamic range,
would be to raise the value of R
G. Just like any other high-
speed amplifier, by increasing the load resistance, and
therefore decreasing the demanded load current, the distor-
tion performance will be improved in most cases. With an
increased R
G,RF will also have to be increased to keep the
same A
VMAX and this will decrease the overall bandwidth. It
may be possible to insert a series RC combination across R
F
in order to counteract the negative effect on BW when a
large R
F is used.
AUTOMATIC GAIN CONTROL (AGC) #1
Fast Response AGC Loop
The AGC circuit shown in Figure 8 will correcta6dB input
amplitude step in 100 ns. The circuit includes a two op-amp
precision rectifier amplitude detector (U1 and U2), and an
integrator (U3) to provide high loop gain at low frequencies.
The output amplitude is set by R
9. Some notes on building
fast AGC loops: Precision rectifiers work best with large
output signals. Accuracy is improved by blocking DC offsets,
as shown in Figure 8.
20084357
FIGURE 6. OFFSET ADJUST CIRCUIT
20084358
FIGURE 7. Digital Gain Control
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com