Electronic Components Datasheet Search
  English  ▼

X  

ADA4851-1WYRJZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4851-1WYRJZ-R7
Description  Low Cost, High Speed, Rail-to-Rail, Output Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4851-1WYRJZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4851-1WYRJZ-R7 Datasheet HTML 9Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 10Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 11Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 12Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 13Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 14Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 15Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 16Page - Analog Devices ADA4851-1WYRJZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADA4851-1/ADA4851-2/ADA4851-4
Rev. J | Page 13 of 24
–40
0.1
10
FREQUENCY (MHz)
1
–50
–60
–70
–80
–90
–100
–110
G = +1
VOUT = 2V p-p
VS = 5V
RL = 1kΩ HD2
RL = 150Ω HD2
RL = 1kΩ HD3
RL = 150Ω HD3
Figure 18. Harmonic Distortion vs. Frequency for Various Loads
–6
–4
–2
–3
–5
0
–1
2
1
4
3
6
5
0
100
200
300
400
500
600
700
800
900
1k
TIME (ns)
G = +5
VS = ±5V
RL = 150Ω
f = 1MHz
5
× INPUT
OUTPUT
Figure 19. Output Overdrive Recovery
–6
–4
–2
–3
–5
0
–1
2
1
4
3
6
5
0
100
200
300
400
500
600
700
800
900
1k
TIME (ns)
G = +1
VS = ±5V
RL = 150Ω
f = 1MHz
INPUT
OUTPUT
Figure 20. Input Overdrive Recovery
–0.075
–0.050
–0.025
0
0.025
0.050
0.075
TIME (ns)
50
0
100
150
200
VS = +5V
VS = ±5V
G = +1 OR +2
RL = 1kΩ
2.425
2.450
2.475
2.500
2.525
2.550
2.575
Figure 21. Small-Signal Transient Response for Various Supplies
0
20
40
60
80
100
120
140
160
180
200
TIME (ns)
2.425
2.450
2.475
2.525
2.550
2.575
2.500
G = +1
VS = 5V
RL = 150Ω
10pF
0pF
Figure 22. Small-Signal Transient Response for Various Capacitive Loads
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
0.5
1.0
1.5
2.0
2.5
3.0
TIME (ns)
50
0
100
150
200
VS = +5V
VS = ±5V
G = +2
RL = 150Ω
Figure 23. Large-Signal Transient Response for Various Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com