Electronic Components Datasheet Search
  English  ▼

X  

LM9637 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9637
Description  LM9637 Monochrome CMOS Image Sensor VGA 68 FPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9637 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM9637 Datasheet HTML 1Page - National Semiconductor (TI) LM9637 Datasheet HTML 2Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©2002 National Semiconductor Corporation
www.national.com
ADVANCE INFORMATION
LM9637 Monochrome CMOS Image Sensor VGA 68 FPS
General Description
The LM9637 is a high performance, low power, 1/4" VGA CMOS
Active Pixel Sensor capable of capturing monochrome still or
motion images and converting them to a digital data stream.
Excellent image quality is achieved by integrating a high perfor-
mance analog signal processor comprising of a high speed 10
bit A/D convertor, fixed pattern noise elimination circuits and a
programmable gain amplifier. The offset and black level can be
automatically adjusted on chip using a full loop black level com-
pensation circuit.
Furthermore, a programmable smart timing and control circuit
allowing the user maximum flexibility in adjusting integration
time, active window size, gain, frame rate. Various control, tim-
ing and power modes are also provided.
Features
f
Master and slave mode operation
f
Progressive scan read out with horizontal and vertical flip
f
Programmable Exposure:
- Master clock divider
- Inter row delay
- Inter frame delay
- Partial frame integration
f
Programmable gain amplifier
f
Full automatic servo loop for black level & offset adjustment
on each gain channel
f
Horizontal & vertical sub-sampling (2:1 & 4:2) with averaging
f
Windowing
f
Programmable pixel clock, inter-frame and inter-line delays
f
I2C compatible serial control interface
f
Power on reset & power down mode
Applications
f
Security Camera
f
Machine Vision
f
Barcode Scanners
f
Biometrics
Key Specifications
Array Format
Total: 488 x 672
Active: 488 x 648
Effective Image Area
Total: 2.93mm x 4.03mm
Active: 2.93mm x 3.89mm
Optical Format
1/4"
Pixel Size
6.0µm x 6.0µm
Video Outputs
8 & 10 Bit Digital
Frame Rate
68 frames per second
Dynamic Range
57 dB
Electronic Shutter
Rolling Reset
FPN
0.5%
PRMU
1.7%
Sensitivity
2.40 volts/lux.s
Fill Factor
49%
Micro Lens
none
Package
32 LCC
Single Supply
3.0V +/-10%
Power Consumption
130mW
Operating Temp
-10oC to 50oC
Overall Chip Block Diagram
Column CDS
Amp
d[9:0]
pclk
hsync
vsync
10 bit A/D
snapshot
extsync
APS Array
I2C Compatible
Serial I/F
Register
Bank
sclk sda
sadr
POR
Power
clk gen
Control
mclk
pwd
resetb
Master Sensor Controller
+/-
Figure 1. Chip Block Diagram
MAY 2002


Similar Part No. - LM9637

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9630 NSC-LM9630 Datasheet
150Kb / 2P
LM9630 100 x 128, 580 fps Ultra Sensitive Monochrome CMOS Image Sensor
LM9630BIEA NSC-LM9630BIEA Datasheet
150Kb / 2P
LM9630 100 x 128, 580 fps Ultra Sensitive Monochrome CMOS Image Sensor
LM9630EVAL-KIT NSC-LM9630EVAL-KIT Datasheet
150Kb / 2P
LM9630 100 x 128, 580 fps Ultra Sensitive Monochrome CMOS Image Sensor
LM9630HEADBOARD NSC-LM9630HEADBOARD Datasheet
150Kb / 2P
LM9630 100 x 128, 580 fps Ultra Sensitive Monochrome CMOS Image Sensor
LM9630SAMPLE-KIT NSC-LM9630SAMPLE-KIT Datasheet
150Kb / 2P
LM9630 100 x 128, 580 fps Ultra Sensitive Monochrome CMOS Image Sensor
More results

Similar Description - LM9637

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9617 NSC-LM9617 Datasheet
366Kb / 37P
Monochrome CMOS Image Sensor VGA 30 FPS
LM9618 NSC-LM9618 Datasheet
1Mb / 2P
Monochrome CMOS Image Sensor VGA 30 FPS
LM9627 NSC-LM9627 Datasheet
370Kb / 37P
Color CMOS Image Sensor VGA 30 FPS
LM9647 NSC-LM9647 Datasheet
919Kb / 2P
LM9647 Color CMOS Image Sensor VGA 68 FPS
LM9630 NSC-LM9630 Datasheet
150Kb / 2P
LM9630 100 x 128, 580 fps Ultra Sensitive Monochrome CMOS Image Sensor
LM9628 NSC-LM9628 Datasheet
942Kb / 2P
LM9628 Color CMOS Image Sensor VGA 30 FPS
LM9638 NSC-LM9638 Datasheet
200Kb / 2P
Monochrome CMOS Image Sensor SXGA 18 FPS
logo
Agilent(Hewlett-Packard...
ADCS-1121 HP-ADCS-1121 Datasheet
92Kb / 2P
CMOS Monochrome Image Sensors
logo
STMicroelectronics
VV6501 STMICROELECTRONICS-VV6501 Datasheet
544Kb / 60P
VGA CMOS Color Image Sensor
Sep-2003
logo
Pixart Imaging Inc.
PAS6352 PIXART-PAS6352 Datasheet
313Kb / 16P
CMOS VGA IMAGE SENSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com