Electronic Components Datasheet Search
  English  ▼

X  

TKA0303D Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TKA0303D
Description  1W 3KV Isolated Miniature Dual Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TKA0303D Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TKA0303D Datasheet HTML 1Page - Toppower Electronic Technology Limited TKA0303D Datasheet HTML 2Page - Toppower Electronic Technology Limited TKA0303D Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TKA Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
Page 1 / 3
DESCRIPTION
:
The TKA series are miniature, isolated 1W DC/DC converters in a SIP and DIP package. They offer the
ideal solution in many space critical applications for board level power distribution. The internal SMD
construction makes it possible to offer a product with high performance at low cost. The series offers
smaller size, improved efficiency, lower output ripple noise and 3KVDC isolation.
1W 3KV Isolated Miniature Dual Output DC/DC Converters
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3.3V input variants
2.9
3.3
3.6
V
Voltage range
5V input variants
4.5
5
5.6
V
Voltage range
12V input variants
10.7
12
13.1
V
Reflected ripple current
3.3V input
30
60
mA p-p
Reflected ripple current
All other
25
37
mA p-p
FEATURES
RoHS compliant
Efficiency up to 83%
Operating temperature:-40
to 85
℃
℃
UL 94V-0 package material
Internal SMD construction
Industry standard pinout
Power sharing on output
Input voltage :3.3V, 5V,12V
Output voltage: ±3.3V, ±5V, ±9V, ±12V , ±15V,±24V
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current
Efficiency
Package Style
V
V
mA
%
TKA0303D
3.3
±3.3
±151
75
DIP
TKA0305D
3.3
±5
±100
80
DIP
TKA0309D
3.3
±9
±55
74
DIP
TKA0312D
3.3
±12
±43
79
DIP
TKA0315D
3.3
±15
±34
80
DIP
TKA0324D
3.3
±24
±21
82
DIP
TKA0303S
3.3
±3.3
±151
73
SIP
TKA0305S
3.3
±5
±100
80
SIP
TKA0309S
3.3
±9
±55
76
SIP
TKA0312S
3.3
±12
±43
77
SIP
TKA0315S
3.3
±15
±34
80
SIP
TKA0324S
3.3
±24
±21
82
SIP
TKA0503D
5
±3.3
±151
78
DIP
TKA0505D
5
±5
±100
72
DIP
TKA0509D
5
±9
±55
75
DIP
TKA0512D
5
±12
±43
77
DIP
TKA0515D
5
±15
±34
79
DIP
TKA0524D
5
±24
±21
82
DIP
TKA0503S
5
±3.3
±151
78
SIP
TKA0505S
5
±5
±100
72
SIP
TKA0509S
5
±9
±55
77
SIP
TKA0512S
5
±12
±43
78
SIP
TKA0515S
5
±15
±34
79
SIP
TKA0524S
5
±24
±21
82
SIP
TKA1205D
12
±5
±100
75
DIP
TKA1209D
12
±9
±55
79
DIP
TKA1212D
12
±12
±43
82
DIP
TKA1215D
12
±15
±34
82
DIP
TKA1224D
12
±24
±21
82
DIP
TKA1205S
12
±5
±100
73
SIP
TKA1209S
12
±9
±55
79
SIP
TKA1212S
12
±12
±43
81
SIP
TKA1215S
12
±15
±34
81
SIP
TKA1224S
12
±24
±21
82
SIP


Similar Part No. - TKA0303D

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TKA0303D TOPPOWER-TKA0303D Datasheet
470Kb / 3P
1W 3KVDC Isolated Miniature Dual Output DC/DC Converters
TKA0303D TOPPOWER-TKA0303D Datasheet
788Kb / 4P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TKA0303D TOPPOWER-TKA0303D Datasheet
863Kb / 4P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TKA0303D-W25 TOPPOWER-TKA0303D-W25 Datasheet
802Kb / 4P
0.25W 3KVDC Isolated Single and Dual Output DC/DC Converters
TKA0303DA TOPPOWER-TKA0303DA Datasheet
432Kb / 3P
1W 3KVDC Isolated Miniature Single Output DC/DC Converters
More results

Similar Description - TKA0303D

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NKA CANDD-NKA Datasheet
104Kb / 2P
Isolated Sub-Miniature 1W Dual Output DC-DC Converters
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
Isolated 1W Dual Output DC-DC Converters
NMA CANDD-NMA Datasheet
168Kb / 2P
Isolated 1W Dual Output DC-DC Converters
logo
List of Unclassifed Man...
NMA5V ETC-NMA5V Datasheet
171Kb / 2P
ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
logo
Texas Instruments
DCH01 TI-DCH01 Datasheet
379Kb / 12P
MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
logo
Murata Manufacturing Co...
KDC_NKA MURATA-KDC_NKA Datasheet
145Kb / 4P
Isolated Sub-Miniature 1W Dual Output DC/DC Converters
NMA0505DC MURATA-NMA0505DC Datasheet
219Kb / 6P
Isolated 1W Dual Output DC/DC Converters
NMA2405SC MURATA-NMA2405SC Datasheet
126Kb / 4P
Isolated 1W Dual Output DC/DC Converters
logo
Microdc power Technolog...
A-XD MICRODC-A-XD Datasheet
579Kb / 5P
Isolated 1W Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TKA TOPPOWER-TKA_17 Datasheet
470Kb / 3P
1W 3KVDC Isolated Miniature Dual Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com