Electronic Components Datasheet Search
  English  ▼

X  

TKA0303S Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TKA0303S
Description  1W 3KV Isolated Miniature Dual Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TKA0303S Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TKA0303S Datasheet HTML 1Page - Toppower Electronic Technology Limited TKA0303S Datasheet HTML 2Page - Toppower Electronic Technology Limited TKA0303S Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TKA Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
Page 3 / 3
MECHANICAL DIMENSIONS
PIN CONNECTIONS-14 PIN DIP
Pin
Function
1
-Vin
7
NC
8
OV
9
+Vout
11
-Vout
14
+ Vin
PIN CONNECTIONS-6 PIN SIP
Pin
Function
1
+Vin
2
-Vin
4
-Vout
5
OV
6
+Vout
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
SOLDERING INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300℃ for 10 seconds. Both types in this series are backward
compatible with Sn/Pb soldering systems.
SIP Package
DIP Package
11.60
0.60±0.15
5.00
5.40
6 Pin SIP Tube
4.45
7.70
14 Pin DIP Tube
6 Pin SIP Tube
Unless otherwise stated all dimensions in mm±0.5mm
DIP Tube Quantity:25
Tube length(14 Pin DIP): 520mm ±2mm
Tube length(6 Pin SIP): 525mm ±2mm
SIP Tube Quantity:30
2.54
1.00
1.15
6 孔
14 Pin DIP 封装
6HOLES
14 Pin DIP Package
2.54
1.00
1.15 5
孔
6 Pin SIP 封装
6 Pin DIP Package
5HOLES
4.60
3.60
1.25
0.30
0.20
4.60
3.60
2.54
7.55
0.60
0.50
5.95
5.40
9.80
6
5
4
2
1
14
11
9 8
7
1
0.55
0.45
0.30
0.20
1.09
15.24
2.13
7.62
2.54
19.50
YYWW
TKA0505D
0.50±0.05
16.55
TKA0505S
YYWW
12.70
1.68
bottom view
bottom view
TOPPOWER
TOPPOWER
All dimensions in ±0.25mm . All pins on a 2.54 mm pitch and within ±0.25mm of true position
weight:1.4g(SIP) 1.9g(DIP)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com