Electronic Components Datasheet Search
  English  ▼

X  

WS9441P Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS9441P
Description  Non-isolated BuckOffline LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS9441P Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS9441P Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9441P Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9441P Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9441P Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9441P Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9441P Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9441P Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9441P Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9441P Datasheet HTML 9Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
WS9441P Product Description
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
0318
Features
Critical Conduction Mode Operation
Internal 500V Power MOSFET
Gate Drive and No Auxiliary Winding
±
3% LED Current Accuracy
Efficiency up to 93%
LED Short Circuit Protection
LED Open Circuit Protection
Current Sense Resistor Short Protection
Thermal Regulation Function
External PWM Dimming
Applications
LED Bulb Lights
LED Panel Lights
LED Strings
Description
The WS9441P is a high precision buck constant current LED
driver and is applied to non-isolated buck LED power system with
AC input voltage of 85VAC-265VAC. The WS9441P integrates a
500V power MOSFET, and can achieve excellent constant current
performance with very few external components, so the system
cost and size are minimized. The driver operates in critical
conduction mode, and the output current does not change with the
inductance and LED output voltage. The operating current of the
IC is 200uA, so it doesn’t need the auxiliary winding for supplying
the chip, thus simplifying design and reducing cost.
The WS9441P adopts intelligent temperature control and
thoroughly solves the problem of light flashing at high
temperatures. It integrates an external dimming pin which inputs
PWM signal and can dim by changing the duty cycle of the PWM
signal. The WS9441P offers full protection functions to improve
the system reliability, including LED open circuit protection, LED
short circuit protection, CS resistor short circuit protection and
thermal regulation function.
The WS9441P is available in SOP-7 Package.
Typical Application Circuit
Non-isolated BuckOffline LED Driver


Similar Part No. - WS9441P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS9441P ETC2-WS9441P Datasheet
825Kb / 9P
Non-isolated BuckOffline LED Driver
WS9441PS7P ETC2-WS9441PS7P Datasheet
825Kb / 9P
Non-isolated BuckOffline LED Driver
More results

Similar Description - WS9441P

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USL3631 UTC-USL3631 Datasheet
210Kb / 6P
NON-ISOLATED BUCK OFFLINE LED DRIVER
logo
List of Unclassifed Man...
WS9441 ETC2-WS9441 Datasheet
404Kb / 9P
Non-isolated BuckOffline LED Driver
WS9441P ETC2-WS9441P Datasheet
825Kb / 9P
Non-isolated BuckOffline LED Driver
WS9445 ETC2-WS9445 Datasheet
588Kb / 9P
Non-isolated BuckOffline LED Driver
WS9445P ETC2-WS9445P Datasheet
843Kb / 9P
Non-isolated BuckOffline LED Driver
logo
Shenzhen Winsemi Microe...
WS9445P WINSEMI-WS9445P Datasheet
843Kb / 9P
Non-isolated BuckOffline LED Driver
WS9445 WINSEMI-WS9445 Datasheet
588Kb / 9P
Non-isolated BuckOffline LED Driver
WS9441 WINSEMI-WS9441 Datasheet
404Kb / 9P
Non-isolated BuckOffline LED Driver
logo
Bright Power Semiconduc...
BP2336J BPS-BP2336J Datasheet
208Kb / 2P
Non-isolated Buck APFC LED Driver
BP2832A BPS-BP2832A Datasheet
422Kb / 8P
Non-isolated Buck Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com