Electronic Components Datasheet Search
  English  ▼

X  

WS3442 Datasheet(PDF) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3442
Description  Non-isolated Buck Offline LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3442 Datasheet(HTML) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS3442 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3442 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3442 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3442 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3442 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3442 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3442 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3442 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3442 Datasheet HTML 9Page - Shenzhen Winsemi Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.winsemi.com Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
3/10
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WS3442 ProductDescription
Internal Block Diagram
Ordering Information
Package
Marking
Part Number
8-Pin SOP-8, Pb-free
WS3442S8P
WS3442S8P
7-Pin DIP-7, Pb-free
WS3442D7P
WS3442D7P
Recommended Operation Conditions
Part Number
Package
Input voltage
Maximum output
power
WS3442S8P
SOP8
175VAC-264VAC
80V/280mA
120V/220mA
90VAC-264VAC
80V/220mA
60V/300mA
WS3442D7P
DIP7
175VAC-264VAC
120V/280mA
160V/220mA
90VAC-264VAC
80V/300mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com