Electronic Components Datasheet Search
  English  ▼

X  

WS3441 Datasheet(PDF) 6 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3441
Description  Non-isolated Buck Offline LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3441 Datasheet(HTML) 6 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Back Button WS3441 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3441 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3441 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3441 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3441 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3441 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3441 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3441 Datasheet HTML 9Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3441 Datasheet HTML 10Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.winsemi.com Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
6/10
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WS3441 ProductDescription
Application Information
The WS3441 is a high performance non-isolated Buck
converter specially designed for LED lighting. The device
integrates a 500V power MOSFET. With very few external
components, the converter achieves excellent constant
current control. And it does not need auxiliary winding for
powering the IC or voltage sensing, hence the system size
and cost is greatly reduced.
Start Up
After system powered up, the VCC pin capacitor is
charged up by the start up resistor. When the VCC pin
voltage reaches the turn on threshold, the internal circuits
start operating. The WS3441 integrates a 17V zener diode
to clamp the VCC voltage. Due to the ultra-low operating
current, the auxiliary winding is not needed to supply the IC.
The maximum value of the start up current is 270uA.
For the application of 176VAC — 264VAC, the start up
resistor can be be calculated by the equation:
_ min
_ max
1.414 176
1.414
920k
270
in
st
st
V
V
R
I
uA
Constant Current Control
Cycle by Cycle current sense is adopted in WS3441,
the CS pin is connected to the current sense comparator,
and the voltage on CS pin is compared with the internal
400mV reference voltage. The MOSFET will be switched off
when the voltage on CS pin reaches the threshold. The CS
comparator includes a 350ns leading edge blanking time.
The peak inductor current is given by:
)
mA
(
R
400
I
CS
PK
Where, RCS is the current sense resistor value.
The current in LED can be calculated by the equation:
2
I
I
PK
LED
Where, IPK is the peak current of the inductor.
Inductor Selection
The WS3441 works under inductor current critical
conduction mode. When the power MOFET is switched on,
the current in the inductor rises up from zero, the on time of
the MOSFET can be calculated by the equation:
LED
IN
PK
on
V
V
I
L
t
Where,
L is the inductance value
VIN is the DC bus voltage after the rectifier bridge
VLED is the voltage on the LED
After the power MOSFET is switched off, the current in
the inductor decreases. When the inductor current reaches
zero, the power MOSFET is turned on again by IC internal
logic. The off time of the MOSFET is given by:
LED
PK
off
V
I
L
t
The inductance can be calculated by the equation:
IN
PK
LED
IN
LED
V
I
f
)
V
V
(
V
L
The f is the system switching frequency, which is
proportional to the input voltage. So the minimum switching
frequency is set at lowest input voltage, and the maximum
switching frequency is set at highest input voltage.
The minimum and maximum off time of WS3441 is set
at 3us and 340us, respectively. Referring to the equation of
Toff calculation, if the inductance is too small, the Toff may
be smaller than the minimum off time, system will operate in
discontinuous conduction mode and the output current will
be smaller than the designed value. If the inductance is too
large, the Toff may be larger than the maximum off time, the
system will operate in continuous conduction mode and the
output current will be higher than the designed value. So it is
important to choose a proper inductance.
Over Voltage Protection
The over voltage protection can be programmed by the
ROVP pin resistor. The ROVP pin voltage is 0.5V.
When the LED is open circuit, the output voltage
increases gradually, and the demagnetization time gets
shorter. The demagnetization time at OVP---- Tovp can be
calculated by the open circuit protection voltage:
Vovp
Rcs
Vcs
L
Tovp
Where,
Vcs is the CS pin turn off threshold (400mV)
Vovp is the open circuit protection voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com