Electronic Components Datasheet Search
  English  ▼

X  

LM9647 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9647
Description  LM9647 Color CMOS Image Sensor VGA 68 FPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9647 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM9647 Datasheet HTML 1Page - National Semiconductor (TI) LM9647 Datasheet HTML 2Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©2002 National Semiconductor Corporation
www.national.com
ADVANCE INFORMATION
LM9647 Color CMOS Image Sensor VGA 68 FPS
General Description
The LM9647 is a high performance, low power, 1/4" VGA CMOS
Active Pixel Sensor capable of capturing color
still or motion
images and converting them to a digital data stream.
Excellent image quality is achieved by integrating a high perfor-
mance analog signal processor comprising of a high speed 10
bit A/D convertor, fixed pattern noise elimination circuits and
separate color gain amplifiers . The offset and black level can be
automatically adjusted on chip using a full loop black level com-
pensation circuit.
Furthermore, a programmable smart timing and control circuit
allowing the user maximum flexibility in adjusting integration
time, active window size, gain, frame rate. Various control, tim-
ing and power modes are also provided.
Features
f Master and slave mode operation
f Progressive scan read out with horizontal and vertical flip
f Programmable Exposure:
- Master clock divider
- Inter row delay
- Inter frame delay
- Partial frame integration
f Four channels of digitally programmable analog gain
f Full automatic servo loop for black level & offset adjustment
on each gain channel
f Horizontal & vertical sub-sampling (2:1 & 4:2) with averaging
f Windowing
f Programmable pixel clock, inter-frame and inter-line delays
f I2C compatible serial control interface
f Power on reset & power down mode
Applications
f Dual Mode Camera
f Digital Still Camera
f Security Camera
f Machine Vision
Key Specifications
Array Format
Total: 488 x 672
Active: 488 x 648
Effective Image Area
Total: 2.93mm x 4.03mm
Active: 2.93mm x 3.89 mm
Optical Format
1/4"
Pixel Size
6.0
µm x 6.0µm
Video Outputs
8 & 10 Bit Digital
Frame Rate
68 frames per second
Dynamic Range
57 dB
Electronic Shutter
Rolling Reset
FPN
0.5%
PRMU
1.7%
Sensitivity
2.5 volts/lux.s
Fill Factor
49%
Color Mosaic
Bayer pattern
Package
32 LCC
Single Supply
3.0V +/-10%
Power Consumption
130mW
Operating Temp
-10oC to 50 oC
Overall Chip Block Diagram
Column CDS
ch0
MUX
d[9:0]
pclk
hsync
vsync
10 bit A/D
snapshot
extsync
APS Array
I2C Compatible
Serial I/F
Register
Bank
sclk sda
sadr
POR
Power
clk gen
Control
mclk
pwd
resetb
Master Sensor Controller
ch1
ch2
ch3
+/-
+/-
+/-
+/-
Figure 1. Chip Block Diagram
May 2002


Similar Part No. - LM9647

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9648 NSC-LM9648 Datasheet
186Kb / 2P
LM9648 Color CMOS Image Sensor SXGA 18 FPS
LM9648CEA NSC-LM9648CEA Datasheet
186Kb / 2P
LM9648 Color CMOS Image Sensor SXGA 18 FPS
LM9648EVAL-KIT NSC-LM9648EVAL-KIT Datasheet
186Kb / 2P
LM9648 Color CMOS Image Sensor SXGA 18 FPS
LM9648HEADBOARD NSC-LM9648HEADBOARD Datasheet
186Kb / 2P
LM9648 Color CMOS Image Sensor SXGA 18 FPS
LM9648SAMPLE-KIT NSC-LM9648SAMPLE-KIT Datasheet
186Kb / 2P
LM9648 Color CMOS Image Sensor SXGA 18 FPS
More results

Similar Description - LM9647

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9617 NSC-LM9617 Datasheet
366Kb / 37P
Monochrome CMOS Image Sensor VGA 30 FPS
LM9618 NSC-LM9618 Datasheet
1Mb / 2P
Monochrome CMOS Image Sensor VGA 30 FPS
LM9627 NSC-LM9627 Datasheet
370Kb / 37P
Color CMOS Image Sensor VGA 30 FPS
LM9637 NSC-LM9637 Datasheet
657Kb / 2P
LM9637 Monochrome CMOS Image Sensor VGA 68 FPS
LM9648 NSC-LM9648 Datasheet
186Kb / 2P
LM9648 Color CMOS Image Sensor SXGA 18 FPS
LM9628 NSC-LM9628 Datasheet
942Kb / 2P
LM9628 Color CMOS Image Sensor VGA 30 FPS
logo
STMicroelectronics
VS6552 STMICROELECTRONICS-VS6552 Datasheet
800Kb / 26P
VGA Color CMOS Image Sensor Module
Oct-2004
logo
List of Unclassifed Man...
ICM105B ETC1-ICM105B Datasheet
1Mb / 17P
Color VGA CMOS Image Sensor
logo
STMicroelectronics
VS6502 STMICROELECTRONICS-VS6502 Datasheet
52Kb / 2P
VGA Color CMOS Image Sensor Module
May-2004
VV6501 STMICROELECTRONICS-VV6501 Datasheet
544Kb / 60P
VGA CMOS Color Image Sensor
Sep-2003
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com