Electronic Components Datasheet Search
  English  ▼

X  

WS3241 Datasheet(PDF) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3241
Description  High Precision PSR LED Constant Current Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3241 Datasheet(HTML) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS3241 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3241 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3241 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3241 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3241 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3241 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3241 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3241 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
WS3241 ProductDescription
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
www.winsemi.com Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
2/8
Electrical Characteristics (Unless otherwise specified, VCC=8V and TA =25 ℃)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage Section
VDD_C
LAMP
VDD Clamping Voltage
10mA
6.3
V
VDD_re
g
VDD Power Supply
5.8
6.1
V
UVLO_
off
VDD Under Voltage Lockout
5.3
V
I_VDD
Quiet Current
VDD=6.1V
150
250
uA
Current Sense Section
Vcs
Threshold Voltage for Peak
Current Limit
490
500
510
mV
TLEB
Lead Edge Blanking
500
ns
TDELA
Y
Shutdown Delay
100
ns
D_max
Maximum Duty Cycle
50
%
Feedback Input Section
Toff_m
ax
Maximum Demagnetization
time
255
us
Toff_mi
n
Minimum Demagnetization
time
3.6
us
Tdem_
OVP
Open loop detection reference
Demagnetization time
4.5
us
Tcc/Tde
m
Cycle time/demagnetization
time
@constant current
2
Power MOSFET
Rds_on
Power On Resistor
Idrain=50mA
30
Ω
BVdss
Breakdown Voltage
650
V
Idss
Leakage Current of Power
MOS
10
uA
Over Temperature Protection
TREG
Thermal Regulation
Temperature
135
℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com