Electronic Components Datasheet Search
  English  ▼

X  

TP20DD Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP20DD
Description  20W Wide Input Voltage DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP20DD Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP20DD Datasheet HTML 1Page - Toppower Electronic Technology Limited TP20DD Datasheet HTML 2Page - Toppower Electronic Technology Limited TP20DD Datasheet HTML 3Page - Toppower Electronic Technology Limited TP20DD Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TP20DD Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 1 /4
DESCRIPTION
:
:
:
:
The rated output power of TP20DD converters is 20W,the outline dimensions is "50.8*40.6*11.2",
2:1 and 4:1 wide input voltage range,the voltage range is 9V-18V,18V-36V,36V-72V,9V-36V and
18V-72VDC.The accuracy of the converter can reach ±1%,it can be widely used in
telecommunications, railway transportation, instrument and etc.
20W Wide Input Voltage DC/DC Converters
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
FEATURES
20W output power
2:1 and 4:1 input voltage range
Input under voltage protection
50.8mm *40.6mm *11.2mm standard package
Metal shielding package
Over output voltage protection
Fixed switching frequency
Long term short-circuit protection
Super capability with capacitive load
RoHs compliance
Operating temperature:-40 to
℃
85℃
/
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency(Typ)
%
voltage
(VDC)
Voltage
(VDC)
Current
(A)
Rated
Range values
TP20DD12S03
12(2:1)
9-18
3.3
5.4
80
TP20DD12S05
12(2:1)
9-18
5
4
82
TP20DD12S12
12(2:1)
9-18
12
1.67
83
TP20DD12S15
12(2:1)
9-18
15
1.33
84
TP20DD12S24
12(2:1)
9-18
24
0.83
84
TP20DD12D05
12(2:1)
9-18
±5
±2
80
TP20DD12D12
12(2:1)
9-18
±12
±0.83
83
TP20DD12D15
12(2:1)
9-18
±15
±0.67
84
TP20DD24S03
24(2:1)
18-36
3.3
5.4
80
TP20DD24S05
24(2:1)
18-36
5
4
83
TP20DD24S12
24(2:1)
18-36
12
1.67
85
TP20DD24S15
24(2:1)
18-36
15
1.33
85
TP20DD24S19
24(2:1)
18-36
19
1.05
83
TP20DD24S24
24(2:1)
18-36
24
0.83
86
TP20DD24D05
24(2:1)
18-36
±5
±2
83
TP20DD24D12
24(2:1)
18-36
±12
±0.83
85
TP20DD24D15
24(2:1)
18-36
±15
±0.67
86
TP20DD48S03
48(2:1)
36-72
3.3
5.4
82
TP20DD48S05
48(2:1)
36-72
5
4
84
TP20DD48S12
48(2:1)
36-72
12
1.67
86
TP20DD48S15
48(2:1)
36-72
15
1.33
87
TP20DD48S24
48(2:1)
36-72
24
0.83
87
TP20DD48D05
48(2:1)
36-72
±5
±2
84
TP20DD48D12
48(2:1)
36-72
±12
±0.83
86
TP20DD48D15
48(2:1)
36-72
±15
±0.67
86
TP20DD24S05W
24(4:1)
9-36
5
4
82
TP20DD24S12W
24(4:1)
9-36
12
1.67
86
TP20DD24S15W
24(4:1)
9-36
15
1.33
86
TP20DD24S24W
24(4:1)
9-36
24
0.83
86
TP20DD24D05W
24(4:1)
9-36
±5
±2
82
TP20DD24D12W
24(4:1)
9-36
±12
±0.83
85
TP20DD24D15W
24(4:1)
9-36
±15
±0.67
85
TP20DD48S05W
48(4:1)
18-72
5
4
82
TP20DD48S12W
48(4:1)
18-72
12
1.67
86
TP20DD48S15W
48(4:1)
18-72
15
1.33
86
TP20DD48S24W
48(4:1)
18-72
24
0.83
86
TP20DD48D05W
48(4:1)
18-72
±5
±2
82
TP20DD48D12W
48(4:1)
18-72
±12
±0.83
85
TP20DD48D15W
48(4:1)
18-72
±15
±0.67
85


Similar Part No. - TP20DD

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP20DD TOPPOWER-TP20DD Datasheet
811Kb / 4P
20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP20DD12D05 TOPPOWER-TP20DD12D05 Datasheet
811Kb / 4P
20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP20DD12D12 TOPPOWER-TP20DD12D12 Datasheet
811Kb / 4P
20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP20DD12D15 TOPPOWER-TP20DD12D15 Datasheet
811Kb / 4P
20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP20DD12S03 TOPPOWER-TP20DD12S03 Datasheet
811Kb / 4P
20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results

Similar Description - TP20DD

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW3000 TOTAL-POWER-MKW3000 Datasheet
230Kb / 8P
20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MKW3000 MINMAX-MKW3000 Datasheet
230Kb / 8P
20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Astrodyne Corporation
OFN20 ASTRODYNE-OFN20 Datasheet
411Kb / 3P
20W Wide Input,Non-Isolated Single Inline DC/DC Converters
logo
Minmax Technology Co., ...
MPW2100 MINMAX-MPW2100 Datasheet
179Kb / 8P
20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MR2011S MPD-MR2011S Datasheet
821Kb / 4P
Ultra-Wide Input, 20W Compact, Railway DC/DC Converters
logo
Astrodyne Corporation
OPN20 ASTRODYNE-OPN20 Datasheet
258Kb / 3P
20W Wide Input, Non-Isolated Single Inline DC/DC Converters
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC Datasheet
199Kb / 4P
20W Wide Input Voltage DC/DC Converters
TP20DD TOPPOWER-TP20DD_V01 Datasheet
811Kb / 4P
20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP20AC TOPPOWER-TP20AC_V01 Datasheet
768Kb / 3P
20W 4KV Isolation Wide Input AC/DC Converters
TP20DB TOPPOWER-TP20DB Datasheet
388Kb / 2P
20W 1.5KVDC Wide Voltage Input DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com