Electronic Components Datasheet Search
  English  ▼

X  

TPB0505S Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPB0505S
Description  2W 3KVDC Isolation Regulated Single Output DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPB0505S Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPB0505S Datasheet HTML 1Page - Toppower Electronic Technology Limited TPB0505S Datasheet HTML 2Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.gztoppower.con
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
Page 1 /2
TPB Series
DESCRIPTION:
TPB Series are specially designed for 3KVDC isolation & regulated single output application, the
input voltage range within
±5%, regulated output with very low ripple noise.
2W 3KVDC Isolation Regulated Single Output DC/DC Converters
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
COMMON SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
40
58
Lead temperature
1.5mm from case for 10 seconds
300
Short circuit protection
Continuous
Cooling
air convection
Case material
Plastic(UL94-V0)
MTB F
3500
K hours
Weight
2.8
g
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Units
Output power
0.2
2
W
Line regulation
For Vin change of 5%
±0.5
%
Load regulation
For Vin change of 5%
±1.5
%
Output voltage accuracy
100% full load
±3
%
Temperature drift
100% full load
0.03
%/℃
Ripple
20MHz B andwidth
20
30
mVp-p
Noise
20MHz B andwidth
50
150
mVp-p
FEATURES
SIP package
3000V DC isolation
Operating temperature:-40ºC to 85ºC
Regulated single output
Continuous short circuit protection
RoHS compliance, CE certificate
SELECTION GUIDE
Part Number
Input
Output
Efficiency
(%)
Voltage
(VDC)
Voltage
(VDC)
Current
(mA)
Nominal
Range
Max
Min
TPB0505S
5
4.75-5.25
5
400
40
70
TPB0512S
5
4.75-5.25
12
150
15
71
TPB1205S
12
11.40-12.60
5
400
40
70
TPB1215S
12
11.40-12.60
15
133
13
72
TPB1505S
15
14.25-15.75
5
400
40
71
TPB2405S
24
22.8-25.2
5
400
40
71
TPB2415S
24
22.8-25.2
15
133
13
74


Similar Part No. - TPB0505S

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPB0505S TOPPOWER-TPB0505S Datasheet
648Kb / 2P
2W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB0505S TOPPOWER-TPB0505S Datasheet
667Kb / 2P
2W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB0505S TOPPOWER-TPB0505S Datasheet
704Kb / 2P
2W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB0505S-1W TOPPOWER-TPB0505S-1W Datasheet
410Kb / 2P
1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB0505S-1W TOPPOWER-TPB0505S-1W Datasheet
674Kb / 2P
1W 3KVDC Isolation Regulated Single Output DC/DC Converters
More results

Similar Description - TPB0505S

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPB-1W TOPPOWER-TPB-1W Datasheet
410Kb / 2P
1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB TOPPOWER-TPB Datasheet
648Kb / 2P
2W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPG TOPPOWER-TPG Datasheet
647Kb / 3P
2W 3KVDC Isolated Single Output DC/DC Converters
TPB TOPPOWER-TPB_19 Datasheet
667Kb / 2P
2W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB-1W TOPPOWER-TPB-1W_19 Datasheet
674Kb / 2P
1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB-1W TOPPOWER-TPB-1W_V01 Datasheet
233Kb / 2P
1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPI-2W TOPPOWER-TPI-2W Datasheet
800Kb / 3P
2W 3KVDC Isolated & Regulated Single and Dual Output DC/DC Converters
TPB TOPPOWER-TPB_V01 Datasheet
704Kb / 2P
2W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPB-1W TOPPOWER-TPB-1W_V02 Datasheet
262Kb / 3P
1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPV-SAR TOPPOWER-TPV-SAR Datasheet
390Kb / 2P
1W 3KVDC Isolation Regulated Single Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com