Electronic Components Datasheet Search
  English  ▼

X  

1401 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 1401
Description  Bulk Metal® Foil Technology 3 Pin Transistor Outline Hermetic Resistor Network
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1401 Datasheet(HTML) 1 Page - Vishay Siliconix

  1401 Datasheet HTML 1Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.vishay.com
119
1401
Vishay Foil Resistors
Document Number: 63037
Revision 31-Jul-02
VISHAY FOIL • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31
• GERMANY +49.9287.710 FAX: +49 9287.70435
• ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999
• JAPAN +81.42.729.0661 FAX: +81.42.729.3400
• SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581
• UK +44 191 514 8237 FAX: +44 1953 457 722
• USA +1 610 407-4800 FAX: +1 610 640-9081
Bulk Metal
® Foil Technology
3 Pin Transistor Outline Hermetic Resistor Network
The three pin TO-18 package is suitable for single resistor
hermetic packaging with case and lid grounded for electrical
isolation. This unique package may also be used to provide a
voltage divider, but the user is cautioned that the center tap must
go to ground.
Review data sheet “7 Technical Reasons to Specify Bulk
Metal® Foil Resistor Networks.”
3 pins on a 0.100" pin circle– pin 3 case grounded.
FIGURE 1 - STANDARD DIMENSIONS in inches (millimeters)
ORDERING INFORMATION - 1401 PARTS
Networks are built to your requirements. Send your schematic
and electrical requirements to the Applications Engineering
Department. (See data sheet “Network Worksheet.”) A unique
part number will be assigned which defines all aspects of your
network.
VISHAY
CHIP
MAXIMUM POWER RATING
MODEL NUMBER
CAPACITY
(WATTS) @ +70
°C
V15X5 - 1 chip
V15X5 - 1 chip
1401
and
0.15 Watt
V5X5 - 1 chip
V5X5 - 2 chips
0.036 –0.046
(0.91 –1.17)
DIAMETER 0.178 –0.195
(4.52 –4.95)
0.500
(12.7)
0.209 –0.230
(5.31 –5.84)
DIAMETER
MAXIMUM
0.200
(5.08)
0.016 –0.021
(0.41 –0.48)
3 LEADS
2
3
1
0.028 –0.048
(0.71 –1.22)
0.100
(2.54)
CASE
GROUNDED
45
°
NOTES:
1. These networks utilize Vishay Bulk Metal
® Foil resistor
chips V5X5 and V15X5 or VTF15X10 Thin Film chips.
2. The V5X5 and V15X5 chips have maximum resistance
values of 10K and 33K respectively in Bulk Metal
® Foil
and 500K in VTF15X5 Thin Film chips.
FIGURE 2 - SAMPLE CIRCUIT DESIGNS AND CHIP LAYOUTS
NOTE:
Usable area is represented by the dotted lines— a cross 0.150 Inches x 0.150 Inches with arm width of 0.05 Inches.
Illustrations not to scale. Chips shown undersize for clarity. Drawing view is from the top looking down into the
package.
R1
21
R1
R1
2
3
CASE
CASE
ONE RESISTOR
CASE GROUNDED
DIVIDER
CENTER TAP GROUNDED
1
2
R2
3
2
1
R1
R2
3
(VIEWED FROM BOTTOM)
Product may not
be to scale
MINIMUM


Similar Part No. - 1401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1401 VISHAY-1401 Datasheet
102Kb / 2P
Bulk Metal® Foil Technology 3 Pin Transistor Outline Hermetic Resistor Network
02-Mar-05
logo
Heyco.
1401 HEYCO-1401 Datasheet
95Kb / 1P
Original Strain Relief Bushings
logo
HellermannTyton.
1401 HELLERMANNTYTON-1401 Datasheet
135Kb / 1P
Wire and Cable Markers
04/08/2009 10:10
logo
Hammond Manufacturing L...
1401 HAMMOND-1401 Datasheet
121Kb / 1P
Instrument Case (1401 Series)
logo
List of Unclassifed Man...
1401-1 ETC2-1401-1 Datasheet
430Kb / 1P
MICRO PINS
More results

Similar Description - 1401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1403 VISHAY-1403 Datasheet
62Kb / 1P
Bulk Metal Foil Technology 4 Pin Transistor Outline Hermetic Resistor Network
31-Jul-02
1476 VISHAY-1476 Datasheet
117Kb / 1P
Bulk Metal Foil Technology 30 Pin Flatpack Hermetic Resistor Network
26-Mar-02
1413 VISHAY-1413 Datasheet
69Kb / 1P
Bulk Metal Foil Technology 8 Pin Transistor Outline Hermetic Resistor Network
30-Jul-02
1401 VISHAY-1401_08 Datasheet
102Kb / 2P
Bulk Metal® Foil Technology 3 Pin Transistor Outline Hermetic Resistor Network
02-Mar-05
1403 VISHAY-1403_08 Datasheet
114Kb / 2P
Bulk Metal® Foil Technology 4 Pin Transistor Outline Hermetic Resistor Network
02-Mar-05
1413 VISHAY-1413_08 Datasheet
119Kb / 2P
Bulk Metal® Foil Technology 8 Pin Transistor Outline Hermetic Resistor Network
08-Mar-05
1417 VISHAY-1417 Datasheet
130Kb / 2P
Bulk Metal® Foil Technology 8 Pin Transistor Outline Hermetic Resistor Network
07-Mar-05
1419 VISHAY-1419 Datasheet
111Kb / 2P
Bulk Metal® Foil Technology 10 Pin Transistor Outline Hermetic Resistor Network
08-Mar-05
1421 VISHAY-1421 Datasheet
104Kb / 2P
Bulk Metal® Foil Technology 12 Pin Transistor Outline Hermetic Resistor Network
08-Mar-05
1422 VISHAY-1422 Datasheet
104Kb / 2P
Bulk Metal® Foil Technology 16 Pin Transistor Outline Hermetic Resistor Network
08-Mar-05
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com