Electronic Components Datasheet Search
  English  ▼

X  

TPH4815D Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPH4815D
Description  2W Isolated Single & Dual Output DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPH4815D Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPH4815D Datasheet HTML 1Page - Toppower Electronic Technology Limited TPH4815D Datasheet HTML 2Page - Toppower Electronic Technology Limited TPH4815D Datasheet HTML 3Page - Toppower Electronic Technology Limited TPH4815D Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TPH Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page3 /4
All dimensions in mm ±0.25mm. All pins on a 2.54 mm pitch and within ±0.25mm of true position.
Weight: 2.85g (DIP)
2.76g (SIP)
* Pin not fitted on single output variants.
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
1 second
Lead temperature 1.5mm from case for 10 seconds
300
℃
Internal power dissipation
300mW
Input voltage Vin, TPH05
7V
Input voltage Vin, TPH12
15V
Input voltage Vin, TPH24
28V
Input voltage Vin, TPH48
54V
TEMPER ATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output
-40
85
℃
Storage
-50
130
℃
Case Temperature above
5V output
33
℃
Case Temperature above
12V output
27
℃
Cooling
Free air convection
TEMPERATURE DERATING GRAPHS
TOLERANCE ENVELOPES
MECHANICAL DIMENSIONS
PIN CONNECTIONS-14PIN DIP
Pin
Function
1
-Vin
7
NC
8
OV
9
+Vout
11
-Vout
14
+Vin
PIN CONNECTIONS-7PIN SIP
Pin
Function
1
+Vin
2
-Vin
4
-Vout
5
OV
6
+Vout
All specifications typical at TA=25
℃, nominal input voltage and rated output current unless otherwise
Typical Load
Line
10
25
50
75
100
-7.5%
+2.5%
-2.5%
NOM
V
+5%
+10%
Output Load Current(%)
Safe Operating Area
85° C
Ambient Temperature(° C)
150
100
50
0
-40
0
1.0
2.0
3.0
DIP Package
SIP Package
2.00
12.70
2.54
YYWW
TPH0505S
19.50
0.55
0.45
TPH0505D
YYWW
19.50
4.60
3.60
2.54
7.62
2.13
15.24
1.09
0.30
0.20
0.55
0.45
1
7
8
9
11
14
1
2
4
5
6
9.80
7.70
7.50
10.00
0.55
0.45
4.60
3.60
0.30
0.20
1.25
bottom view
bottom view
TOPPOWER
TOPPOWER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com