Electronic Components Datasheet Search
  English  ▼

X  

TPH4812S Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPH4812S
Description  2W Isolated Single & Dual Output DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPH4812S Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPH4812S Datasheet HTML 1Page - Toppower Electronic Technology Limited TPH4812S Datasheet HTML 2Page - Toppower Electronic Technology Limited TPH4812S Datasheet HTML 3Page - Toppower Electronic Technology Limited TPH4812S Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPH Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page2 /4
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
5V input
90
kHz
Switching frequency
12V input
90
kHz
Switching frequency
24V & 48V input
90
kHz
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Max.
Units
Rated Power
TA=-40°C to 85°C
2
W
Voltage Set Point Accuracy
TPH0505D/S
-5
7.5
%
Voltage Set Point Accuracy
All other types
-5
5
%
Line regulation
High VIN to low VIN
1.2
%
Load Regulation(10% load to rated load)
5V output
10
%
Load Regulation(10% load to rated load)
9V output
10
%
Load Regulation(10% load to rated load)
12V output
10
%
Load Regulation(10% load to rated load)
15V output
10
%
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 second
3000
VDC
Resistance
Viso= 1000V
1
G
Ω
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current
Efficiency
Package Style
V
V
mA
%
TPH0505DA
5
5
400
80
DIP
TPH0509DA
5
9
220
80
DIP
TPH0512DA
5
12
168
81
DIP
TPH0515DA
5
15
136
84
DIP
TPH1205DA
12
5
400
80
DIP
TPH1209DA
12
9
220
83
DIP
TPH1212DA
12
12
168
84
DIP
TPH1215DA
12
15
136
86
DIP
TPH2405DA
24
5
400
80
DIP
TPH2409DA
24
9
220
85
DIP
TPH2412DA
24
12
168
86
DIP
TPH2415DA
24
15
136
86
DIP
TPH2424DA
24
24
84
85
DIP
TPH4805DA
48
5
400
82
DIP
TPH4809DA
48
9
220
82
DIP
TPH4812DA
48
12
168
85
DIP
TPH4815DA
48
15
136
85
DIP
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
5V input
4.5
5
5.5
V
Voltage range
12V input
11
12
13
V
Voltage range
24V input
22
24
26
V
Voltage range
48V input
43
48
53
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com