Electronic Components Datasheet Search
  English  ▼

X  

MBRF2545CTG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRF2545CTG
Description  Switch-mode Schottky Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRF2545CTG Datasheet(HTML) 2 Page - ON Semiconductor

  MBRF2545CTG Datasheet HTML 1Page - ON Semiconductor MBRF2545CTG Datasheet HTML 2Page - ON Semiconductor MBRF2545CTG Datasheet HTML 3Page - ON Semiconductor MBRF2545CTG Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBRF2545CTG
www.onsemi.com
2
MAXIMUM RATINGS (Per Leg)
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
45
V
Average Rectified Forward Current
(Rated VR), TC = 125°C
Total Device
IF(AV)
12.5
25
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz), TC = 125°C
IFRM
25
A
Non−repetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
150
A
Peak Repetitive Reverse Surge Current (2.0
ms, 1.0 kHz)
IRRM
1.0
A
Operating Junction and Storage Temperature (Note 1)
TJ, Tstg
− 65 to +175
°C
Voltage Rate of Change (Rated VR)
dv/dt
10000
V/
ms
RMS Isolation Voltage (t = 0.3 second, R.H.
≤ 30%, TA = 25°C) (Note 2)
Per Figure 3
Viso1
4500
V
THERMAL CHARACTERISTICS (Per Leg)
Maximum Thermal Resistance, Junction−to−Case
RqJC
3.5
°C/W
Maximum Lead Temperature for Soldering Purposes: 1/8
″ from Case for 5 Seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (Per Leg)
Characteristic
Symbol
Max
Unit
Maximum Instantaneous Forward Voltage (Note 3)
(iF = 12.5 A, TC = 25°C)
(iF = 12.5 A, TC = 125°C)
vF
0.7
0.62
V
Maximum Instantaneous Reverse Current (Note 3)
(Rated DC Voltage, TC = 25°C)
(Rated DC Voltage, TC = 125°C)
iR
0.2
40
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
2. Proper strike and creepage distance must be provided.
3. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.
VR, REVERSE VOLTAGE (VOLTS)
0.001
10
020
30
40
50
0.01
0.1
1.0
10
100
TJ = 125°C
85
°C
100
5C
100
50
20
5.0
1.0
0.5
0.2
0.1
0
0.2
0.4
0.6
0.8
1.0
vF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage, Per Leg
0.7
70
7.0
100
°C
TJ = 125°C
2.0
10
25
°C
25
°C
Figure 2. Typical Reverse Current, Per Leg



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com