Electronic Components Datasheet Search
  English  ▼

X  

L158 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # L158
Description  Small Planar NFC Antenna with Ferrite
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

L158 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  L158 Datasheet HTML 1Page - Pulse A Technitrol Company L158 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY L158.A (07/13)
1
pulseelectronics.com/products/antennas
Small Planar NFC Antenna with Ferrite
Pulse Part Number W7013
San Diego, CA 858 674 8100
Vancouver, WA 360 944 7551
Europe 49 7032 7806 0
Asia 86 755 33966678
North Asia 886 3 4356768
China 86 512 6807 9998
Frequency [MHz]*
13.56
Reading Distance on Ground [mm]*
20 - 25
Grid Scan (avg)
Impedance [Ω]*
50 / 80
Self Resonance Frequency [MHz]**
71.5
Inductance [
µH]**
1.05
Resistance [Ω]**
2.7
Q-Factor**
33
Matched Q Value***
5-25
Electrical Specifications
The W7013 is a flexible Near Field Communication (NFC)
antenna ideal for tight-space embedded products such as
tablets, laptops, printers and other unique system using
NFC technology. It is intended for pairing and sharing
modes typically found in non-payment NFC applications.
The W7013 has a semi-flexible sintered ferrite backing
designed to optimize magnetic fields, thus increasing the
corresponding field strength of the antenna. The W7013
is a thin, flexible antenna which can be fed with customer-
supplied interconnect cables by using direct-solder meth-
ods or with the use of Pulse’s own interface connections.
Mounting the antenna is easily accomplished using the thin
but aggressive holding adhesive backing. Recommended
for mounting on the inside of battery covers, directly onto
PCB or metal surfaces, or locations where the antenna will
be on or in close proximity to ground planes or displays.
Features
- Excellent performances on metal surfaces
- Thin, semi-flexible structure
- Easily assembles to device covers or mechanics
- Well-known antenna concept, reliable technology
- RoHS compliant product
Applications
- Mobile devices
- Reader / Writer devices
- Sharing / pairing
NOTE: Electrical characteristics depend on distance from metal objects and the location of the antenna on the device.
Measured in free space
* With matching network
** Bare coil without any matching network
*** With matching network (adjustable). Typical network picture refer to page 2.
Environmental Specifications
Operating Temperature [°C]
-40 to +85
Mechanical Specifications
Color
Black
Dimensions [in/mm]
1.18 x 0.98 x 0.01
(30 x 25 x 0.36)


Similar Part No. - L158

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1581 ETC-L1581 Datasheet
116Kb / 6P
Dual Input Ultra Low Dropout Voltage Regulator (ULDO)
L1581D ETC-L1581D Datasheet
116Kb / 6P
Dual Input Ultra Low Dropout Voltage Regulator (ULDO)
L1581D-2.5 ETC-L1581D-2.5 Datasheet
116Kb / 6P
Dual Input Ultra Low Dropout Voltage Regulator (ULDO)
L1581D-3.3 ETC-L1581D-3.3 Datasheet
116Kb / 6P
Dual Input Ultra Low Dropout Voltage Regulator (ULDO)
More results

Similar Description - L158

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ANFCA-3225-A02 ABRACON-ANFCA-3225-A02 Datasheet
1Mb / 3P
NFC Ferrite Antenna (13.56MHz)
10.07.15
ANFCA-4030-A01 ABRACON-ANFCA-4030-A01 Datasheet
1Mb / 3P
NFC Ferrite Antenna (13.56MHz)
10.04.15
ANFCA-4545-A01 ABRACON-ANFCA-4545-A01 Datasheet
1Mb / 3P
NFC Ferrite Antenna (13.56MHz)
10.09.15
ANFCA-2525-A02 ABRACON-ANFCA-2525-A02 Datasheet
1Mb / 3P
NFC Ferrite Antenna (13.56MHz)
10.07.15
ANFCA-4030-A02 ABRACON-ANFCA-4030-A02 Datasheet
1Mb / 3P
NFC Ferrite Antenna (13.56MHz)
10.09.15
ANFCA-4040-A02 ABRACON-ANFCA-4040-A02 Datasheet
1Mb / 3P
NFC Ferrite Antenna (13.56MHz)
10.09.15
ANFCA-4535-A01 ABRACON-ANFCA-4535-A01 Datasheet
1Mb / 3P
NFC Ferrite Antenna (13.56MHz)
10.04.15
ANFCA-5035-A01 ABRACON-ANFCA-5035-A01 Datasheet
1Mb / 3P
NFC Ferrite Antenna (13.56MHz)
10.09.15
ANFCA-5040-A02 ABRACON-ANFCA-5040-A02 Datasheet
1Mb / 3P
NFC Ferrite Antenna (13.56MHz)
10.09.15
logo
Pulse A Technitrol Comp...
W7013 PULSE-W7013 Datasheet
524Kb / 2P
Small Planar NFC Antenna with Ferrite
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com