Electronic Components Datasheet Search
  English  ▼

X  

PD5 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # PD5
Description  KILOVAC 28 - 1800 Vdc High Voltage Relays
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PD5 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  PD5 Datasheet HTML 1Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7–55
7
For factory-direct application assistance,
dial 800-253-4560, ext. 2055, or
805-220-2055.
KILOVAC 28 - 1800 Vdc High Voltage Relays
Product Facts
n Vacuum dielectric for power
switching
n Excellent for control
applications
n PCB and panel mountings
n Rugged design for the most
demanding applications,
including seismic shock
n Small size and weight
n Low power consumption
n No heat sinks required
n Vacuum-sealed; can operate
in explosive and harsh
environments
n 2000 V isolation across
open contacts
Product Specifications
Contact Arrangement —
PD5A — SPST-NO
PD5B — SPST-NC
Contact Form —
PD5A — A**
PD5B — B**
Rated Resistive Load @ 320 Vdc —
5A
Continuous Current Carry, Max.
@ 85°C — 15 A
Overload @ 320 Vdc,
(Make/Break) — 20 A
Life, (Mechanical/Rated Load) —
500k cycles/50k cycles
Contact Resistance, Max.,
End of Life — 0.010 ohm
Dielectric at Sea Level —
Power Terminals to Coil and
All Other Points — 1,800 Vrms
Shock, 11ms, 1/2 Sine (Peak) —
25 g
Vibration, Sinusoidal
(55-2000 Hz, Peak) — 5 g
Operating Ambient Temperature
Range — -40°C to +85°C
Operate Time, Max., Including
Bounce @ 25°C — 10 ms
Release Time, Max., Including
Bounce @ 25°C — 10 ms
Insulation Resistance @ 500 Vdc,
Min. —
Initial/End of Life — 100 mohm/50 mohm
Weight, Nominal —
57 g (.125 lb)
Note:
**Contact TE for availability of other
contact forms
Ordering Information
Sample Part Number
PD5 A2 3 5
Series:
Contact Form:
A = SPST-NO
B = SPST-NC
C = SPDT (PCB Only)
Coil Voltage:
2 = 12 Vdc, PCB Version
3 = 24 Vdc, PCB Version
5 = 125 Vdc, PCB Version
A = 12 Vdc, Panel Mount Version
B = 24 Vdc, Panel Mount Version
C = 125 Vdc, Panel Mount Version
Power Terminals:
3 = PCB Solder Connection
5 = Stud Terminal, Panel Mount
Mounting:
5 = PCB Mount
7 = Panel Mount
Coil Data
Nominal Volts DC
12 Vdc
24 Vdc
125 Vdc
Max. Coil Voltage
14 Vdc
28 Vdc
130 Vdc
Pickup, Max. @ 85°C
8 Vdc
16 Vdc
80 Vdc
Hold, Min. @ 85°C
3.3 Vdc
10 Vdc
33 Vdc
Dropout, Min. @ -40°C
.5 Vdc
1 Vdc
5 Vdc
Coil Resistance (±10%)
70
Ω
290
Ω
4700
Ω
Ratings listed are for 25°C, sea level conditions
Contact Ratings*
*Based on extrapolated data. Since each application is unique, user is encour-
aged to verify rating in actual application. The load terminals should always be
connected as follows: Common Contact (A2) positive; Other Contact negative.
PD5 Make & Break Load Switching
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.


Similar Part No. - PD5

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD5-170-57-E TRINAMIC-PD5-170-57-E Datasheet
311Kb / 1P
57mm diameter BLDC Encoder Motor with Controller/Driver and Serial Interface
logo
ANADIGICS, Inc
PD500 ANADIGICS-PD500 Datasheet
122Kb / 2P
500關m InGaAs Photodiode
Rev 1.0
PD500-0XX ANADIGICS-PD500-0XX Datasheet
122Kb / 2P
500關m InGaAs Photodiode
Rev 1.0
PD500-1XX ANADIGICS-PD500-1XX Datasheet
122Kb / 2P
500關m InGaAs Photodiode
Rev 1.0
logo
Comus International
PD5005-7TC COMUS-PD5005-7TC Datasheet
5Mb / 1P
2.5A Hybrid Tilt Switch - Mercurt Free Product Data Sheet
More results

Similar Description - PD5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A-712T MACOM-A-712T Datasheet
67Kb / 1P
DC Relays 600 Amps, 28 VDC
logo
TE Connectivity Ltd
AP5 TEC-AP5 Datasheet
684Kb / 3P
KILOVAC 270 Vdc High Voltage Relays
K40P TEC-K40P Datasheet
203Kb / 1P
KILOVAC High Voltage Relays
K41 TEC-K41 Datasheet
392Kb / 2P
KILOVAC High Voltage Relays
K43 TEC-K43 Datasheet
295Kb / 2P
KILOVAC High Voltage Relays
K45 TEC-K45 Datasheet
118Kb / 1P
KILOVAC High Voltage Relays
K62 TEC-K62 Datasheet
181Kb / 1P
KILOVAC High Voltage Relays
K64 TEC-K64 Datasheet
211Kb / 1P
KILOVAC High Voltage Relays
K70 TEC-K70 Datasheet
157Kb / 1P
KILOVAC High Voltage Relays
K81A TEC-K81A Datasheet
389Kb / 2P
KILOVAC High Voltage Relays
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com