Electronic Components Datasheet Search
  English  ▼

X  

MIC5191BML Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5191BML
Description  Ultra High-Speed, High-Current Active Filter/LDO Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5191BML Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC5191BML Datasheet HTML 3Page - Micrel Semiconductor MIC5191BML Datasheet HTML 4Page - Micrel Semiconductor MIC5191BML Datasheet HTML 5Page - Micrel Semiconductor MIC5191BML Datasheet HTML 6Page - Micrel Semiconductor MIC5191BML Datasheet HTML 7Page - Micrel Semiconductor MIC5191BML Datasheet HTML 8Page - Micrel Semiconductor MIC5191BML Datasheet HTML 9Page - Micrel Semiconductor MIC5191BML Datasheet HTML 10Page - Micrel Semiconductor MIC5191BML Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
April 2004
7
M9999-042804
MIC5191
Micrel
Applications Information
Designing with the MIC5191
Anatomy of a transient response
A voltage regulator can maintain a set output voltage while its
exterior world is pushing and pulling in its demand for power.
The measure of a regulator is generally how accurately and
effectively it can maintain that voltage, regardless of how the
load demands power. One measure of regulator response is
the load step. This is an intuitive look at how the regulator
responds to a change in load current. Figure 2 is a look at the
transient response to a load step.
Figure 2. Typical Transient Response
At the start of a circuit's power demand, the output voltage is
regulated to its set point, while the load current runs at a
constant rate. For many different reasons, a load may ask for
more current without warning. When this happens, the regu-
lator needs some time to determine the output voltage drop.
This is determined by the speed of the control loop. So, until
enough time has elapsed, the control loop is oblivious to the
voltage change. The output capacitor must bear the burden
of maintaining the output voltage.
∆ V L
di
dt
=
Since this is a sudden change in voltage, the capacitor will try
to maintain voltage by discharging current to the output. The
first voltage drop is due to the output capacitor's ESL (equiva-
lent series inductance). The ESL will resist a sudden change
in current from the capacitor and drop the voltage quickly. The
amount of voltage drop during this time will be proportional to
the output capacitor's ESL and the speed at which the load
steps. Slower load current transients will reduce this effect.
∆V
L
di
dt
↓=
↑
Placing multiple small capacitors with low ESL in parallel can
help reduce the total ESL and reduce voltage droop during
high speed transients. For high speed transients, the greatest
voltage deviation will generally be caused by output capacitor
ESL and parasitic inductance.
∆V
L
di
dt
↓= ↓
After the current has overcome the effects of the ESL, the
output voltage will begin to drop proportionally to time and
inversely proportional to output capacitance.
The relationship to output voltage variation will depend on two
aspects, loop bandwidth and output capacitance. The output
capacitance will determine how far the voltage will fall over a
given time. With more capacitance, the drop in voltage will fall
at a decreased rate. This is the reason that for the same
bandwidth, more capacitance provides a better transien-
response
Also, the time it takes for the regulator to respond is directl
proportional to its gain bandwidth. Higher bandwidth contro
loops respond quicker causing a reduced droop on the suppl
for the same amount of capacitance
Final recovery back to the regulated voltage is the final phas
of transient response and the most important factors are gai
and time. Higher gain at higher frequency will get the outpu
voltage closer to its regulation point quicker. The final settlin
point will be determined by the load regulation, which i
proportional to DC (0Hz) gain and the associated loss terms
There are other factors that contribute to large signal tran-
sient response, such as source impedance, phase margin
and PSRR. For example, if the input voltage drops due t
source impedance during a load transient, this will contribut
to the output voltage deviation by filtering through to th
output reduced by the loops PSRR at the frequency of th
voltage transient. It is straightforward: good input capaci-
tance reduces the source impedance at high frequencies
Having between 35
° and 45° of phase margin will help spee
up the recovery time. This is caused by the initial overshoo
in response to the loop sensing a low voltage
Compensatio
The MIC5191 allows the flexibility of externally controlling th
gain and bandwidth. This allows the MIC5191 design to b
tailored to each individual design
In designing the MIC5191, it is important to maintain ad-
equate phase margin. This is generally achieved by havin
the gain cross the 0dB point with a single pole 20dB/decad
roll-off. The compensation pin is configured as Figure
demonstrates
Figure 3. Internal Compensatio
∆V
C
idt
=∫
1
∆V
C
idt
↓=
↑
∫
1
∆V
C
idt
↓= ∫
↓
1
Time
∫idt
C
V =
1
BW
1
Output voltage vs. time
during recovery is
directly proportional to
gain vs. frequency.
∆ V = L
di
dt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com