Electronic Components Datasheet Search
  English  ▼

X  

CP085 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # CP085
Description  Compact Geometric Sizes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CP085 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  CP085 Datasheet HTML 1Page - Laird Tech Smart Technology CP085 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
global solutions: local support
TM
Suffix ThickneSS
(prior To Tinning)
flaTneSS &
paralleliSM
hoT
face
cold
face
lead
length
l
0.141”± 0.010”
0.0015” / 0.0015” Lapped
Lapped
4.5”
l1
0.141”± 0.001”
0.001” / 0.001”
Lapped
Lapped
4.5”
l2
0.141”± 0.0005”
0.0005” / 0.0005” Lapped
Lapped
4.5”
Ml
0.145”± 0.010”
0.002” / 0.002”
Metallized
Lapped
4.5”
lM
0.145”± 0.010”
0.002” / 0.002”
Lapped
Metallized
4.5”
MM
0.149”± 0.010”
0.002” / 0.002”
Metallized
Metallized
4.5”
Suffix SealanT color TeMp range deScripTion
rT
RTV
White
-60 to 204 °C
Non-corrosive, silicone adhesive sealant
ep
Epoxy
Black
-55 to 150 °C
Low density syntactic foam epoxy encapsulant
Innovative Technology
for a Connected World
Ceramic Plate Series CP085,127,06
Thermoelectric Modules
Americas: +1 888.246.9050
Europe: +46.31.420530
Asia: +86.755.2714.1166
clv.customerpos@lairdtech.com
www.lairdtech.com
FeatureS
• PreciseTemperatureControl
• CompactGeometricSizes
• ReliableSolidStateOperation
• NoSoundorVibration
• EnvironmentallyFriendly
• DCOperation
• RoHSCompliant
aPPliCationS
• MedicalLasers
• LabScienceInstrumentation
• ClinicalDiagnosticSystems
• PhotonicsLaserSystems
• ElectronicEnclosureCooling
• Food&BeverageCooling
• Chillers(LiquidCooling)
TheCeramicPlate(CP)SeriesofThermoelectricModules(TEMs)isconsidered
‘thestandard’inthethermoelectricindustry.
Thisbroadproductlineofhigh-performanceandhighlyreliableTEMsisavailable
innumerousheatpumpingcapacities,geometricshapes,andinputpowerranges.
AssembledwithBismuthTelluridesemiconductormaterialandthermallyconductive
AluminumOxideceramics,theCPSeriesisdesignedforhighercurrentandlarge
heat-pumpingapplications.
perforMance SpecificaTionS
hot Side Temperature (°c)
25°C
50°C
Qmax (Watts)
20.0
21.9
delta Tmax (°c)
68
75
imax (amps)
2.3
2.3
Vmax (Volts)
14.5
16.4
Module resistance (ohms)
5.76
6.50
Sealing oPtion


Similar Part No. - CP085

ManufacturerPart #DatasheetDescription
logo
Same Sky Devices
CP085-1540375 SAMESKY-CP085-1540375 Datasheet
1Mb / 4P
PELTIER MODULE
10/08/2024
More results

Similar Description - CP085

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-53362NLT PULSE-PE-53362NLT Datasheet
181Kb / 2P
Fifteen package sizes
logo
Illinois Capacitor, Inc...
KXM ILLINOISCAPACITOR-KXM Datasheet
240Kb / 3P
Standardized case sizes - High ripple current ??Multiplecase sizes
logo
Ohmite Mfg. Co.
RES-FC4L OHMITE-RES-FC4L Datasheet
547Kb / 2P
Industry standard sizes
RES-LVK OHMITE-RES-LVK Datasheet
422Kb / 3P
Industry standard sizes
logo
Laird Tech Smart Techno...
CP10-63-06 LSTD-CP10-63-06 Datasheet
234Kb / 2P
Compact geometric sizes
CP10-127-06 LSTD-CP10-127-06 Datasheet
218Kb / 3P
Compact geometric sizes
CP12-161-04 LSTD-CP12-161-04 Datasheet
224Kb / 2P
Compact geometric sizes
CP14-199-045 LSTD-CP14-199-045 Datasheet
219Kb / 2P
Compact geometric sizes
logo
Illinois Capacitor, Inc...
226KXM050M ILLINOISCAPACITOR-226KXM050M Datasheet
398Kb / 3P
Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
477KXM050M ILLINOISCAPACITOR-477KXM050M Datasheet
398Kb / 3P
Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com