Electronic Components Datasheet Search
  English  ▼

X  

MIC5212 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5212
Description  Dual 500mA LDO Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5212 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5212 Datasheet HTML 1Page - Micrel Semiconductor MIC5212 Datasheet HTML 2Page - Micrel Semiconductor MIC5212 Datasheet HTML 3Page - Micrel Semiconductor MIC5212 Datasheet HTML 4Page - Micrel Semiconductor MIC5212 Datasheet HTML 5Page - Micrel Semiconductor MIC5212 Datasheet HTML 6Page - Micrel Semiconductor MIC5212 Datasheet HTML 7Page - Micrel Semiconductor MIC5212 Datasheet HTML 8Page - Micrel Semiconductor MIC5212 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
April 2003
5
MIC5212
MIC5212
Micrel
Output 1 Load Transient Response
TIME (1ms/div.)
V
IN = 3.3V
V
OUT = 2.5V
C
OUT = 10 F Ceramic
1000mA
10mA
500mA
10mA
Output 2 Load Transient Response
TIME (1ms/div.)
V
IN = 3.3V
V
OUT = 2.5V
C
OUT = 10 F Ceramic
1000mA
10mA
500mA
10mA
Output 1 Line Transient Response
TIME (1ms/div.)
V
IN = 3.3V
V
OUT = 2.5V
C
OUT = 10 F Ceramic
1000mA
10mA
4.3V
7V
Line Transient Response
TIME (1ms/div.)
6V
3.5V
Turn-On Response
TIME (40
µs/div.)
3.3V, 500mA
2.5V, 200mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com