Electronic Components Datasheet Search
  English  ▼

X  

MRC150 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # MRC150
Description  Reliable Solid State Operation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

MRC150 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  MRC150 Datasheet HTML 1Page - Laird Tech Smart Technology MRC150 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Innovative Technology
for a Connected World
MRC150,DH2,DV
Re-circulating Chiller
THR-DS-MRC150 0910
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and application of Laird Technologies materials rests with
the end user, since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to the fitness, merchantability or suitability of any Laird Technologies materials or products for any specific or
general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of
which will be furnished upon request. © Copyright 2010 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and other marks are trade marks or registered trade marks of Laird Technologies, Inc. or an
affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights. Document A16311-00 Rev A, 09/17/2010.
Thermal Capacity
ΔT = Outlet Fluid Temperature - Ambient Temperature
Pumping Capacity
Notes
1. Use distilled water as coolant for control temperatures above 5°C.
2. To prevent freezing, use coolant with 70% distilled water and 30% pure ethylene glycol mix for control temperatures at or below 5˚C.
3. For alternate coolants please contact Laird Technologies.
4. Unit comes with a 115 VAC North American cord and a 230 VAC European cord.
Model Nomenclature
Performance Curves
19.5 cm REF
[7.683 in]
18.4 cm REF
[7.24 in]
30.4 cm REF
[11.97 in]
35.1 cm REF
[13.82 in]
Reservoir
(250 mL Capacity)
26.1 cm REF
[10.28 in]
RS-232 COM Port
(RS-485 Optional)
Quick-Connect
Fluid Input
(3/8” I.D. Tubing)
Quick-Connect
Fluid Output
(3/8” I.D. Tubing)
(2) Male Couplings Supplied with Unit.
Power Entry
Module/Breaker
Digital Controller
Low Fluid Level
Indicator



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com