Electronic Components Datasheet Search
  English  ▼

X  

KG450O/S Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # KG450O/S
Description  UHF 406-512 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

KG450O/S Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  KG450O/S Datasheet HTML 1Page - Pulse A Technitrol Company KG450O/S Datasheet HTML 2Page - Pulse A Technitrol Company KG450O/S Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1 800 ANTENNA (268-3662)
19
NOTE: Antennas are not to scale
UHF 406-512 MHz
UHF MAGneTic MoUnTs
Max
power
Frequency
Gain
Height
Rating
whip
cable
Model
Type
(MHz)
(dBd/dBi)
(in)
(watts)
color
Assembly
connector
MSTFME
Tunable 1/4
λ
144-965
0/2
21
50
Black
12’ RG-174
FME Crimp
MSTBNCFT
Tunable 1/4
λ
144-965
0/2
21
50
Black
12’ RG-174
TNC
MST
UHF sTeAlTH BlADes
Stealth Blade antennas hava a gain of 2.14 dBi, a maximum power of 3 Watts and linear
polarization.
Frequency
Bandwidth
Dimensions
Model
(MHz)
% @1.5/2.1
l x w (in)
coax
connector
SB450FME12
450-470
20/30
10” x 0.75”
12’ RG-316
FME
SB
UHF DiRecT MoUnTs
power
Frequency
Gain
size
Rating
whip
cable
Model
Type
(MHz)
(dBd/dBi)
(in)
(watts)
color
Assembly
connector
LP450
Low Profile
450-470
0/2
1.25H x 5.25D
100
N/A
17’ RG-58/U
No Conn
OM406BCO
1/2
λ
406-440
4
100
Coil Only
17’ RG-58A/U
No Conn
OM450BCO
1/2
λ
440-512
4
100
Coil Only
17’ RG-58A/U
No Conn
OM406CK
1/2
λ Collinear
406-420
3.4/5.5
35.5
100
Stainless
17’ RG-58A/U
No Conn
OM420CK
1/2
λ Collinear
420-440
3.4/5.5
35.5
100
Stainless
17’ RG-58A/U
No Conn
OM450CK
1/2
λ Collinear
450-470
3.4/5.5
35.5
100
Stainless
17’ RG-58A/U
No Conn
OM470CK
1/2
λ Collinear
470-490
3.4/5.5
35.5
100
Stainless
17’ RG-58A/U
No Conn
LP Direct
Mount
OM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com