Electronic Components Datasheet Search
  English  ▼

X  

4040 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # 4040
Description  No sound or vibration
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

4040 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  4040 Datasheet HTML 1Page - Laird Tech Smart Technology 4040 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
global solutions: local support
TM
Innovative Technology
for a Connected World
ZT Series ZT8,12,F1,4040
Thermoelectric Module
Americas: +1 888.246.9050
Europe: +46.31.704.67.57
Asia: +86.755.2714.1166
clv.customerpos@lairdtech.com
www.lairdtech.com
SuffIx ThIckneSS
flaTneSS &
ParallelISm
hoT face cold face lead lengTh
Ta
0.150” +/- 0.001”
0.001” / 0.001”
lapped
lapped
8.0”
TB
0.150” +/- 0.0005”
0.0005” / 0.0005” lapped
lapped
8.0”
FeaTureS
• Hightemperaturedifferential
• Precisetemperaturecontrol
• Reliablesolidstateoperation
• Nosoundorvibration
• DCoperation
• RoHScompliant
applicaTionS
• Analyticalinstrumentation
• Clinicaldiagnostics
• Photonicslasersystems
• Electronicenclosurecooling
• Foodandbeveragecooling
• Chillers(liquidcooling)
TheZTSeriesisahighperformancethermoelectricmodule(TEM).Themoduleisassembledwith
premiumBismuthTelluridesemiconductormaterialthatachievesahighertemperaturedifferential
thanstandardsinglestageTEMs.
Thisproductlineisavailableinmultipleconfigurationsandisidealforapplicationsthatrequireto
reachcoldtemperatures.AssembledwithtopgradeBismuthTelluridesemiconductormaterialand
thermallyconductiveAluminumOxideceramics,theZTSeriesisdesignedforhighercurrentand
largerheat-pumpingapplications.
Performance SPecIfIcaTIonS
Hotsidetemperature(°C)
25
Qmax(watts)
77.0
DeltaTmax(°C)
72
Imax(amps)
8.5
Vmax(volts)
15.4
Moduleresistance(ohms)
1.58
SuffIx SealanT
color
TemP range deScrIPTIon
rT
rTV
White
-60to204°C
Non-corrosive,siliconeadhesivesealant
eP
Epoxy
Black
-55to150°C
Lowdensitysyntacticfoamepoxyencapsulant
Sealing opTion


Similar Part No. - 4040

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
4040 SEMTECH-4040 Datasheet
95Kb / 2P
HIGH VOLTAGE CAPACITORS MONOLITHIC CERAMIC TYPE
logo
Vishay Siliconix
4040 VISHAY-4040 Datasheet
124Kb / 2P
Ceramic Stand-off Insulators for RF-Equipment
29-Aug-02
logo
Kemet Corporation
4040 KEMET-4040 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Laird Tech Smart Techno...
4040 LSTD-4040 Datasheet
578Kb / 2P
Thermal Cycling Durability
4040 LSTD-4040 Datasheet
583Kb / 2P
Power Cycling Reliability
More results

Similar Description - 4040

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI9233 NI-NI9233 Datasheet
544Kb / 6P
Sound and Vibration Data Acquisition
NIUSB-4431 NI-NIUSB-4431 Datasheet
185Kb / 5P
Sound and Vibration Data Acquisition
logo
Laird Tech Smart Techno...
CP14 LSTD-CP14 Datasheet
582Kb / 2P
No Sound or Vibration
UT15 LSTD-UT15 Datasheet
380Kb / 2P
No sound or vibration
ZT4 LSTD-ZT4 Datasheet
537Kb / 2P
No sound or vibration
CP10-63-05 LSTD-CP10-63-05 Datasheet
246Kb / 3P
No sound or vibration
logo
Pepperl+Fuchs Inc.
VIM62PL-E0G10-0ME-I420K24 PF-VIM62PL-E0G10-0ME-I420K24 Datasheet
882Kb / 3P
Vibration sensor
2022-12-01
VIM62PP-E1V16-0NE-I420KA4 PF-VIM62PP-E1V16-0NE-I420KA4 Datasheet
904Kb / 3P
Vibration sensor
2022-12-01
VIM82PU-S1V16-2AE-I422C28 PF-VIM82PU-S1V16-2AE-I422C28 Datasheet
973Kb / 4P
Vibration sensor
2022-12-01
logo
PCE Instruments.
PCE-VT3800 PCE-PCE-VT3800 Datasheet
177Kb / 2P
Vibration Analyzer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com