Electronic Components Datasheet Search
  English  ▼

X  

LP450 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # LP450
Description  UHF 406-512 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

LP450 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  LP450 Datasheet HTML 1Page - Pulse A Technitrol Company LP450 Datasheet HTML 2Page - Pulse A Technitrol Company LP450 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 800 ANTENNA (268-3662)
17
NOTE: Antennas are not to scale
UHF 406-512 MHz
UHF coils/wHips
Max
power
Frequency
Gain
Height
Rating
whip
cable
Model
Type
(MHz)
(dBd/dBi)
(in)
(watts)
color
Assembly
LMUHFBASEB
Base Only
406-512
2
200
Coil Only
Order Separately
LM406C
5/8 over 1/2
λ
406-420
3.5/5.6
33
200
Stainless
Order Separately
LM440C
5/8 over 1/2
λ
440-460
3.5/5.6
33
200
Stainless
Order Separately
LM450C
5/8 over 1/2
λ
450-470
3.5/5.6
33
200
Stainless
Order Separately
NMO4063CS
5/8
λ
406-430
3/5.14
19
200
Stainless
Order Separately
NMO4303CS
5/8
λ
430-450
3/5.14
19
200
Stainless
Order Separately
NMO4503CS
5/8
λ
450-470
3/5.14
19
200
Stainless
Order Separately
NMO4703CS
5/8
λ
470-490
3/5.14
19
200
Stainless
Order Separately
NMO4903CS
5/8
λ
490-512
3/5.14
19
200
Stainless
Order Separately
NMO406B
5/8 over 1/2
λ
406-420
3.5/5.6
33
200
Black
Order Separately
NMO406C
5/8 over 1/2
λ
406-420
3.5/5.6
33
200
Stainless
Order Separately
NMO420B
5/8 over 1/2
λ
420-440
3.5/5.6
33
200
Black
Order Separately
NMO420C
5/8 over 1/2
λ
420-440
3.5/5.6
33
200
Stainless
Order Separately
NMO440B
5/8 over 1/2
λ
440-460
3.5/5.6
33
200
Black
Order Separately
NMO440C
5/8 over 1/2
λ
440-460
3.5/5.6
33
200
Stainless
Order Separately
NMO450B
5/8 over 1/2
λ
450-470
3.5/5.6
33
200
Black
Order Separately
NMO450C
5/8 over 1/2
λ
450-475
3.5/5.6
33
200
Stainless
Order Separately
NMO470C
5/8 over 1/2
λ
470-490
3.5/5.6
33
200
Stainless
Order Separately
NMO490B
5/8 over 1/2
λ
490-512
3.5/5.6
33
200
Black
Order Separately
NMO490C
5/8 over 1/2
λ
490-512
3.5/5.6
33
200
Stainless
Order Separately
NMO406HWBCO
Base Only
406-420
2.5
200
Coil Only
Order Separately
NMO406CHW
1/2
λ Collinear
406-420
3.4/5.5
35.5
200
Stainless
Order Separately
NMO420CHW
1/2
λ Collinear
420-440
3.4/5.5
35.5
200
Stainless
Order Separately
NMO440CHW
1/2
λ Collinear
440-460
3.4/5.5
35.5
200
Stainless
Order Separately
NMO450HWBCO
Base Only
420-512
2.5
200
Coil Only
Order Separately
NMO450CHW
1/2
λ Collinear
450-470
3.4/5.5
35.5
200
Stainless
Order Separately
NMOQBASE1B
Base Only
Whip Size .070
2
200
Coil Only
Order Separately
NMOQBASE2B
Base Only
Whip Size .100
2
200
Coil Only
Order Separately
NMOQBASE3B
Base Only
Whip Size .125
2
200
Coil Only
Order Separately
NMOUHBBASEB
Base Only
Whip Size .100
2
200
Coil Only
Order Separately
NMOQW406
1/4
λ
406-430
0/2
7
200
Stainless
Order Separately
NMOQW450
1/4
λ
450-470
0/2
7
200
Stainless
Order Separately
NMOWB406BCO
Wide Band Coil
406-512
2.5
200
Coil Only
Order Separately
NMOWB406C
Wide Band
406-430
3.4/5.5
35.5
200
Stainless
Order Separately
NMOWB430C
Wide Band
430-455
3.4/5.5
35.5
200
Stainless
Order Separately
NMOWB450C
Wide Band
450-475
3.4/5.5
35.5
200
Stainless
Order Separately
NMOWB470C
Wide Band
470-495
3.4/5.5
35.5
200
Stainless
Order Separately
NMOWB490C
Wide Band
490-515
3.4/5.5
35.5
200
Stainless
Order Separately
The most commonly used cable assembly/mount is the NMOKHFUD (27 MHz to 6 GHz) with 17’of UD (RG-58/U Dual Shield).
NOTE: Larsen springs (SPRING or SPRINGB) can be added to most mobile antennas.
LM
NMO CS
NMO400
NMOHW
NMOQW
NMOWB


Similar Part No. - LP450

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
LP450 PULSE-LP450 Datasheet
294Kb / 11P
Outside coupler and factory tuned whip only for KG UHF glass mount antennas
LP450 PULSE-LP450 Datasheet
294Kb / 11P
Outside coupler and factory tuned whip only for KG UHF glass mount antennas
LP450NMO PULSE-LP450NMO Datasheet
294Kb / 11P
Outside coupler and factory tuned whip only for KG UHF glass mount antennas
LP450NMO PULSE-LP450NMO Datasheet
294Kb / 11P
Outside coupler and factory tuned whip only for KG UHF glass mount antennas
More results

Similar Description - LP450

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4444 EMMICRO-EM4444 Datasheet
109Kb / 1P
512 bit, Read/Write UHF Identification Device
logo
M/A-COM Technology Solu...
MAPM-020512-010C00 MA-COM-MAPM-020512-010C00 Datasheet
62Kb / 2P
Broadband UHF/VHF Power Module 20 - 512 MHz, 10W
MAPM-020512-040C00 MA-COM-MAPM-020512-040C00 Datasheet
64Kb / 2P
Broadband UHF/VHF Power Module 20 - 512 MHz, 40W
logo
Pasternack Enterprises,...
PE51006 PASTERNACK-PE51006 Datasheet
47Kb / 1P
Wideband Mobile Antenna, 406 - 512 MHz, 2 dB
logo
Adels-Contact
193302 ADELS-193302 Datasheet
114Kb / 1P
ABK 406/ 2
193303 ADELS-193303 Datasheet
115Kb / 1P
ABK 406/ 3
193306 ADELS-193306 Datasheet
116Kb / 1P
ABK 406/ 6
193307 ADELS-193307 Datasheet
116Kb / 1P
ABK 406/ 7
193308 ADELS-193308 Datasheet
117Kb / 1P
ABK 406/ 8
193309 ADELS-193309 Datasheet
117Kb / 1P
ABK 406/ 9
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com