Electronic Components Datasheet Search
  English  ▼

X  

MIC37252 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC37252
Description  2.5A, Low Voltage UCap LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37252 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC37252 Datasheet HTML 1Page - Micrel Semiconductor MIC37252 Datasheet HTML 2Page - Micrel Semiconductor MIC37252 Datasheet HTML 3Page - Micrel Semiconductor MIC37252 Datasheet HTML 4Page - Micrel Semiconductor MIC37252 Datasheet HTML 5Page - Micrel Semiconductor MIC37252 Datasheet HTML 6Page - Micrel Semiconductor MIC37252 Datasheet HTML 7Page - Micrel Semiconductor MIC37252 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
January 2003
1
MIC37252
MIC37252
Micrel
MIC37252
2.5A, Low Voltage
µCap LDO Regulator
Final
General Description
The Micrel MIC37252 is a 2.5A low-dropout linear voltage
regulator that provides a low voltage, high current output with
a minimum of external components. It offers high precision,
low dropout and low ground current.
The MIC37252 operates from an input voltage of 3.0V to
6.0V. It is designed to drive digital circuits requiring low
voltage at high currents (i.e., PLDs, DSP, microcontroller,
etc.). It is available in an adjustable output voltage capable of
1.24V to 5.5V.
Features of the MIC37252 LDO include thermal and current
limit protection, and reverse current and reverse battery
protection.
Junction temperature range of the MIC37252 is from –40
°C
to 125
°C.
For higher currents see the MIC3730x family of LDOs.
Typical Application
VOUT
VIN
ADJ
GND
VEN
COUT
47
µF, Ceramic
R1
R2
1.8V
MIC37252
3.3V
CIN
Adjustable Regulator
Features
• 2.5A minimum guaranteed output current
• Ideal for 3.3V to 1.8V conversion
• Stable with ceramic or tantalum capacitor
• +2.0% initial output tolerance
• Dropout voltage = 550mV @ 2.5A
• Excellent line and load regulation specifications
• Logic controlled shutdown
• Thermal shutdown and current limit protection
• Reverse-leakage protection
• S-Pak and TO-263 packages
Applications
• LDO linear regulator for low-voltage digital IC
• PC add-in cards
• High efficiency linear power supplies
• SMPS post regulator
• Battery charger
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
SuperSwitcher and Super
βeta PNP are trademarks of Micrel, Inc.


Similar Part No. - MIC37252

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37252BR MICREL-MIC37252BR Datasheet
216Kb / 8P
2.5A, Low Voltage 關Cap LDO Regulator
MIC37252BU MICREL-MIC37252BU Datasheet
216Kb / 8P
2.5A, Low Voltage 關Cap LDO Regulator
MIC37252WR MICREL-MIC37252WR Datasheet
216Kb / 8P
2.5A, Low Voltage 關Cap LDO Regulator
MIC37252WU MICREL-MIC37252WU Datasheet
216Kb / 8P
2.5A, Low Voltage 關Cap LDO Regulator
MIC37252 MICREL-MIC37252_06 Datasheet
216Kb / 8P
2.5A, Low Voltage 關Cap LDO Regulator
More results

Similar Description - MIC37252

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
Low Quiescent Current 500mA UCap LDO Regulator
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
150mA UCap Ultra-Low Dropout LDO Regulator
MIC5233 MICREL-MIC5233 Datasheet
62Kb / 9P
High Input Voltage, Low IQ uCap LDO Regulator
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
1.5A, LOW VOLTAGE UCAP LDO REGULATOR
MIC37300 MICREL-MIC37300 Datasheet
164Kb / 12P
3.0A, LOW VOLTAGE UCAP LDO REGULATOR
MIC37150 MICREL-MIC37150 Datasheet
146Kb / 10P
1.5 A LOW VOLTAGE UCAP LDO REGULATOR
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
150mA uCap LDO Regulator
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
5A, Low voltage uCap LDO REgulator
MIC69502 MICREL-MIC69502 Datasheet
230Kb / 9P
5A, Low VIN, Low VOUT uCap LDO Regulator
MIC37252 MICREL-MIC37252_06 Datasheet
216Kb / 8P
2.5A, Low Voltage 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com