Electronic Components Datasheet Search
  English  ▼

X  

MICRF008 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MICRF008
Description  QwikRadio??Sweep-Mode Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF008 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MICRF008 Datasheet HTML 4Page - Micrel Semiconductor MICRF008 Datasheet HTML 5Page - Micrel Semiconductor MICRF008 Datasheet HTML 6Page - Micrel Semiconductor MICRF008 Datasheet HTML 7Page - Micrel Semiconductor MICRF008 Datasheet HTML 8Page - Micrel Semiconductor MICRF008 Datasheet HTML 9Page - Micrel Semiconductor MICRF008 Datasheet HTML 10Page - Micrel Semiconductor MICRF008 Datasheet HTML 11Page - Micrel Semiconductor MICRF008 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
July 2003
9
MICRF008
MICRF008
Micrel
Input Connector/Antenna
Starting at J2, a SMA connector to connect to a RF signal
generator. Levels above –20dBm should be avoided. An
antenna pad is also provided. Solder a piece of solid wire for
the frequency of interest. See Table 2 for 1/4 wavelength
antennas. It should be noted that 1/4 wavelength antennas
work best ONLY with ground planes of an equivalent size of
the antenna. This is not the case here since the board size is
very small.
Freq. (MHz)
ANT1 (mm)
ANT1 (inches)
315
231
9.1
390
185
7.3
418
173
6.8
433.92
168
6.6
Table 2. 1/4 Wave Antenna Lengths
The size of the antenna is calculated by the following equa-
tion,
1
4
Ant =
3 10
0.97 1000
f4
mm
1
4
Ant =
3 10
0.97 1000
f 101.6
inches
8
8
λ
λ
××
×
×
[]
××
×
×
[]
where,
• 3 x 108 is the speed of light in vacuum in meter
per seconds.
• 0.97 is a correction factor for the difference
between electrical length and physical length
and varies depending on ground plane, and
objects next to the antenna.
• f is the frequency of interest in Hertz.
1/4 wavelength antennas are good for initial tests, but should
never be used in a final product, unless the PCB area has a
large ground plane. Small ground planes makes 1/4 wave-
length monopole antennas unstable, and any object close to
the antenna changes its impedance. It is completely useless
if the antenna is not straight up or if any object touches it.
Other antennas, such as half-wave dipole, or 1/8 wavelength
monopole are better solutions for small ground planes. A
1/8 wavelength antenna has approximately half the size of a
1/4 wavelength antenna, which makes it very attractive for
small designs. The 1/8 wavelength antenna is not as sensi-
tive to proximity effects as the 1/4 wavelength antenna.
However, the 1/8 wavelength antenna has a reactive element
in its impedance that needs to be taken into account in the
matching network. The halfwave dipole has a size approxi-
mately double the 1/4 wavelength and does not require a
large ground plane. One side of the antenna is connected to
the RF input and the other is connected to ground as seen in
Figure 8.
one side connected to the RF input
Halfwave-Dipole Antenna
one side connected to ground
Figure 8. Halfwave-Dipole Antenna
Matching Network
Z1 to Z5 are used for the matching network. Not all parts are
used at the same time. Several types of matching network
can be implemented: T,
π, or a L network. Here a matching
network has two purposes. The main purpose is to match the
antenna to the antenna pin. By matching it is meant to reduce
the loss there is between two circuits; here the antenna being
used or signal generator and the antenna pin. The secondary
purpose is to filter undesired signals, which will reduce the
receiver performance. Since it is a secondary function, more
filtering may be required, depending on the amount of noise
or adjacent signal interference present in the antenna. A
T-Network was chosen assuming that an 1/4 wavelength
antenna is being used, which has impedance close to 50
Ω in
free air or the receiver is being connected to a RF signal
generator that has 50
Ω output impedance. By using the
proper matching elements, almost 9dB better sensitivity can
be obtained. There are several techniques used for imped-
ance matching. One frequently used is to plot impedance
values in the Smith Chart. However, one needs to know the
antenna impedance and the antenna pin impedance in the
MICRF008BM to perform the matching. Table 3 below shows
the antenna pin input impedance versus frequency and the
matching elements needed to match 50
Ω to the antenna pin.
Antenna Pin Input
Frequency
Z1, Z4, Z2(Note 1)
Impedance
(MHz)
(ohms)
23 - j207
315
8.2pF, 18nH, 82nH
14 - j166
390
3.9pF, 16nH, 43nH
12 - j159
418
4.7pF, 12nH, 39nH
10 - j151
433.92
4.7pF, 11nH, 39nH
Note 1.
All inductors used are Coilcraft 0603 size, and the capacitors
are Vishay COG 5%. Z3 and Z5 are not used.
Table 3. Antenna Input, Frequency and
Matching Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com