Electronic Components Datasheet Search
  English  ▼

X  

2N3002 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N3002
Description  0.8 to 110 Amperes RMS 15 to 1200 Volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3002 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N3002 Datasheet HTML 1Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCRs (Silicon Controlled Rectifiers)
Metal/Plastic Packages
0.8 to 110 Amperes RMS
15 to 1200 Volts
178
www.centr alsemi.com
IT (AMPS)
0.8
@ TC (
o
C)
55
55
55
55
60
ITSM (AMPS)
6.0
6.0
6.0
6.0
10
CASE
TO-18
VRRM (VOLTS)
15
2N876
2N884
30
2N877
2N885
2N3001
2N3005
2N5060
BRX44*
60
2N878
2N886
2N3002
2N3006
2N5061
BRX45*
100
2N879
2N887
2N3003
2N3007
2N5062
BRX46*
150
2N880
2N888
2N5063
200
2N881
2N889
2N3004
2N3008
2N5064
BRX47*
300
2N882
2N890
2N6564
BRX48*
400
2N883
2N891
2N6565
BRX49*
IGT
200
µA20µA20µA
200
µA
200
µA
200
µA
VGT
0.8V
0.7V
0.7V
0.8V
0.8V
0.8V
IH
5.0mA
5.0mA
3.0mA
5.0mA
5.0mA
5.0mA
* TO-92-18R lead forming available. Please consult factory.
TO-92
Pinout
C G A
TO-92
Pinout
A G C


Similar Part No. - 2N3002

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3002 BOCA-2N3002 Datasheet
31Kb / 1P
SCRs (Silicon Controlled Rectifiers)
logo
New Jersey Semi-Conduct...
2N3002 NJSEMI-2N3002 Datasheet
229Kb / 2P
SILICON CONTROLLED SWITCH
2N3002 NJSEMI-2N3002 Datasheet
44Kb / 1P
Silicon Controlled Rectifiers
More results

Similar Description - 2N3002

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BRX44 MOTOROLA-BRX44 Datasheet
82Kb / 4P
SCRs 0.8 AMPERE RMS 30 TO 400 VOLTS
BRY55 MOTOROLA-BRY55 Datasheet
88Kb / 4P
SCRs 0.8 AMPERE RMS 30 TO 600 VOLTS
MAC15D MOTOROLA-MAC15D Datasheet
133Kb / 4P
TRIACS 15 AMPERES RMS 400 thru 800 VOLTS
MAC15SD MOTOROLA-MAC15SD Datasheet
690Kb / 8P
TRIACS 15 AMPERES RMS 400 THRU 800 VOLTS
MAC16D MOTOROLA-MAC16D Datasheet
133Kb / 4P
TRIACS 15 AMPERES RMS 400 thru 800 VOLTS
MKP1V120 MOTOROLA-MKP1V120 Datasheet
85Kb / 4P
SIDACs 0.9 AMPERES RMS 110 thru 280 VOLTS
logo
Powerex Power Semicondu...
CM15TF-24H POWEREX-CM15TF-24H Datasheet
61Kb / 4P
Six-IGBT IGBTMOD 15 Amperes/1200 Volts
logo
Motorola, Inc
MAC250 MOTOROLA-MAC250 Datasheet
87Kb / 2P
TRIACS 15 AMPERES RMS 200 THRU 800 VOLTS
logo
DAESAN ELECTRONIC CORP.
B1S DAESAN-B1S Datasheet
200Kb / 2P
CURRENT 0.8 Amperes VOLTAGE 100 to 1000 Volts
logo
New Jersey Semi-Conduct...
2N1909 NJSEMI-2N1909 Datasheet
131Kb / 1P
High Power Silicon Controlled Rectifier 110 A RMS 25 to 1200 Volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com