Electronic Components Datasheet Search
  English  ▼

X  

W1049B030 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # W1049B030
Description  Wireless External Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W1049B030 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  W1049B030 Datasheet HTML 1Page - Pulse A Technitrol Company W1049B030 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
W1049B Datasheet version 1.1 2/2008. Antennas with I-PEX Cable Assembly
© 2008. All Rights Reserved.
Wireless External Antenna
for 2.4 GHz Application
Single-Band Antenna with I-PEX Cable Assembly. Pulse Part Number: W1049B
Pulse Finland Oy
Takatie 6
90440
Kempele, Finland
Tel: +358 207 935 500
Fax: +358 207 935 501
www.pulseeng.com/antennas
Application Notes
Omni-directionalantennasprovideauniform,donut-
shaped,360°radiationpattern.Theomni-directionalpat-
ternissuitableforpoint-to-multipointbroadcastinginall
directions.ThisantennaisprimarilyusedforWLAN
applications.However,itcanalsobeusedforavarietyof
otherapplicationswithingthespecifiedfrequencyrange.
Whenusedasanaccesspoint,theantennaisideally
locatedatthecenterofthecoveragearea.
Gain Performance W1049B030
E-PLANE
H-PLANE
0
345
330
315
300
285
270
255
240
225
210
195
180
165
150
135
120
105
90
75
60
45
30
15
-30
-20
-10
0
dB
2.4GHz 1.61476dBi
0
345
330
315
300
285
270
255
240
225
210
195
180
165
150
135
120
105
90
75
60
45
30
15
-30
-20
-10
0
dB
2.45GHz 1.6233dBi
0
345
330
315
300
285
270
255
240
225
210
195
180
165
150
135
120
105
90
75
60
45
30
15
-30
-20
-10
0
dB
2.5GHz 1.59034dBi
0
345
330
315
300
285
270
255
240
225
210
195
180
165
150
135
120
105
90
75
60
45
30
15
-30
-20
-10
0
dB
2.4GHz 1.55524dBi
0
345
330
315
300
285
270
255
240
225
210
195
180
165
150
135
120
105
90
75
60
45
30
15
-30
-20
-10
0
dB
2.45GHz 1.51154dBi
0
345
330
315
300
285
270
255
240
225
210
195
180
165
150
135
120
105
90
75
60
45
30
15
-30
-20
-10
0
dB
2.5GHz 1.38176dBi
0
345
330
315
300
285
270
255
240
225
210
195
180
165
150
135
120
105
90
75
60
45
30
15
-30
-20
-10
0
dB
2.4GHz 1.61476dBi
0
345
330
315
300
285
270
255
240
225
210
195
180
165
150
135
120
105
90
75
60
45
30
15
-30
-20
-10
0
dB
2.45GHz 1.6233dBi
0
345
330
315
300
285
270
255
240
225
210
195
180
165
150
135
120
105
90
75
60
45
30
15
-30
-20
-10
0
dB
2.5GHz 1.59034dBi
0
345
330
315
300
285
270
255
240
225
210
195
180
165
150
135
120
105
90
75
60
45
30
15
-30
-20
-10
0
dB
2.4GHz 1.55524dBi
0
345
330
315
300
285
270
255
240
225
210
195
180
165
150
135
120
105
90
75
60
45
30
15
-30
-20
-10
0
dB
2.45GHz 1.51154dBi
0
345
330
315
300
285
270
255
240
225
210
195
180
165
150
135
120
105
90
75
60
45
30
15
-30
-20
-10
0
dB
2.5GHz 1.38176dBi



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com