Electronic Components Datasheet Search
  English  ▼

X  

DP11 Datasheet(PDF) 3 Page - Tyco Electronics

Part # DP11
Description  11mm Rotary Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DP11 Datasheet(HTML) 3 Page - Tyco Electronics

  DP11 Datasheet HTML 1Page - Tyco Electronics DP11 Datasheet HTML 2Page - Tyco Electronics DP11 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Literature No. 1773449-8
Issued: 02-08
Dimensions are shown for
reference purposes only.
Dimensions are in
millimetres unless
otherwise specified.
Specifications subject to
change.
tycoelectronics.com
passives.tycoelectronics.com
11mm Rotary Encoder
Type DP11 Series
DP11
H
N
15
A
15
F
Common Part
DP11 – No Switch
DP11S –
With Switch
Orientation
H - Horizontal
V - Vertical
Detent
N - None
20 – 20 clicks
30 – 30 clicks
Pulses
15 – 15 Pulses
20 – 20 Pulses
Bush Details
A – M7 x 5mm
B – M7 x 7mm
(standard)
Shaft Length
15 – 15mm FMF
20 – 20mm FMF
25 – 25mm FMF
30 – 30mm FMF
Shaft Style
K - Knurled
F - Flatted
S - Slotted
P - Plain
How to Order
Shaft Dimensions
Bush
5mm
7mm
Shaft
Code
L15
20
25
30
15
20
25
30
K
T1
7
7
11
14
6
7
11
14
T6
6
10
12
5
6
10
12
M2
2
2
4
1
1
2
4
F
L15
20
25
30
15
20
25
30
F
7
12
12
12
5
7
12
12
Dimensions
DP11V
DP11SV



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com