Electronic Components Datasheet Search
  English  ▼

X  

DP12 Datasheet(PDF) 3 Page - Tyco Electronics

Part # DP12
Description  12mm Rotary Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DP12 Datasheet(HTML) 3 Page - Tyco Electronics

  DP12 Datasheet HTML 1Page - Tyco Electronics DP12 Datasheet HTML 2Page - Tyco Electronics DP12 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Literature No. 1773449-9
Issued: 02-08
Dimensions are shown for
reference purposes only.
Dimensions are in
millimetres unless
otherwise specified.
Specifications subject to
change.
tycoelectronics.com
passives.tycoelectronics.com
12mm Rotary Encoder
Type DP12 Series
Shaft Length
L
17.5
20
22.5
25
F
57
7
12
DP12
H
N
12
A
20
F
Common Part
DP12 – No Switch
DP12S –
With Switch
Orientation
H - Horizontal
V - Vertical
Detent
N - None
12 – 12 clicks
24 – 24 Clicks
Pulses
12 – 12 Pulses
24 – 24 Pulses
Bush Details
A – 5mm V & H
Standard
Shaft Length
17.5 – 17.5mm
20 – 20mm
22.5 – 22.5mm
25 – 25mm
Shaft Style
F - Flatted
How to Order
Dimensions
DP12V
DP12SV



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com