Electronic Components Datasheet Search
  English  ▼

X  

UB10.245 Datasheet(PDF) 1 Page - PULS GmbH

Part # UB10.245
Description  DC-UPS, DUAL OUTPUT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

UB10.245 Datasheet(HTML) 1 Page - PULS GmbH

  UB10.245 Datasheet HTML 1Page - PULS GmbH UB10.245 Datasheet HTML 2Page - PULS GmbH UB10.245 Datasheet HTML 3Page - PULS GmbH UB10.245 Datasheet HTML 4Page - PULS GmbH UB10.245 Datasheet HTML 5Page - PULS GmbH UB10.245 Datasheet HTML 6Page - PULS GmbH UB10.245 Datasheet HTML 7Page - PULS GmbH UB10.245 Datasheet HTML 8Page - PULS GmbH UB10.245 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
UB10.245
U–Series
DC-UPS, DUAL OUTPUT
DC-UPS, DUAL OUTPUT
■
24V DC-UPS With an Additional 12V Output for
Various Applications
■
Only One 12V Battery Required
■
Stable Output Voltage in Buffer Mode
■
Superior Battery Management for Longest Battery Life
■
Comprehensive Diagnostic and Monitoring Functions
■
Replace Battery Signal Included
■
Electronically Overload and Short Circuit Protected
■
50% Power Reserves
■
3 Year Warranty
1. GENERAL DESCRIPTION
2. SHORT-FORM DATA
Input voltage
24Vdc
Nominal
22.5-30Vdc
Input range
Output voltage
(normal mode)
0.23V lower as
input voltage
Typ., 24V output
12V
12V output
Output voltage
(buffer mode)
22.25V
12V
24V output at 10A
12V output at 5A
Output current
(normal mode)
0 - 15A
0 - 5A
24V output
12V output
Output current
(buffer mode)
0 - 10A
10 – 15A for 5s
0 - 5A
24V output
24V output
12V output
Total output
power
360W
240W
Normal mode
Buffer mode
Allowed batteries
3.9Ah to 40Ah
VRLA lead acid
Temperature range -25 to +70°C
Operational
Derating
6W/°C
+50 to +70°C
Dimensions
49x124x117mm WxHxD
typ. 6’30”
7Ah battery module
24V 7A, 12V 5A
Buffer time
typ. 54’
26Ah module
24V 7A, 12V 5A
The UB10.245 uninterruptible power supply (UPS)
controller along with a standard 24V power supply
and one 12V battery can bridge power failures or
voltage fluctuations. This unit can supply and bridge
both a 24V load as well as a 12V load at the same
time. The 12V is generated by a DC/DC converter
from the 24V output. Therefore, systems that utilize
24V control circuits and require 12V for e.g. remote
radio telemetry can be supplied with only one
UB10.245 DC-UPS controller.
The
DC-UPS
includes
a
professional
battery
management system which charges and monitors
the battery to achieve the longest battery service life
as well as many diagnostic functions that ensure a
reliable operation of the entire system.
24V
Power
Supply
12V Battery
UB10.245
DC-UPS
Dual
output
24V
Load
AC
e.g.:
Dimension
24VDC
e.g.: PLC
e.g.: radio
transmitter
12V
Load
12VDC
3. ORDER NUMBERS
4. MARKINGS
DC-UPS
UB10.245
24V and 12V output
IND. CONT. EQ.
UL 508,
UL 60950-1,
EMC, LVD
Accessories UZK12.071
UZO12.07
UZK12.261
UZO12.26
ZM1.WALL
Battery module 12V 7Ah
Mounting kit w/o battery
Battery module 12V 26Ah
Mounting kit w/o battery
Panel/Wall mount bracket
June. 2010 / Rev. 1.1 Datasheet DS-UB10.245-EN
All parameters are specified at an input voltage of 24V, 10A output load, 25°C ambient and after a 5 minutes run-in time
unless otherwise noted. It is assumed that the input power source can deliver a sufficient output current.
www.pulspower.com Phone +49 89 9278 0
Germany
1/24


Similar Part No. - UB10.245

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
UB10.241 PULS-UB10.241 Datasheet
700Kb / 23P
DC-UPS CONTROL UNIT
UB10.242 PULS-UB10.242 Datasheet
721Kb / 21P
DC-UPS
More results

Similar Description - UB10.245

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8614A MAXIM-MAX8614A Datasheet
398Kb / 15P
Dual-Output ( and -) DC-DC
Rev 0; 3/06
logo
MORNSUN Science& Techno...
IA0512KP-1W MORNSUN-IA0512KP-1W Datasheet
182Kb / 2P
DUAL OUTPUT DC-DC CONVERTER
IE0505S-1W MORNSUN-IE0505S-1W Datasheet
166Kb / 2P
DUAL OUTPUT DC-DC CONVERTER
logo
Mean Well Enterprises C...
ADD-155B MEANWELL-ADD-155B Datasheet
360Kb / 2P
155W Dual Output with Battery Charger(UPS Function)
logo
MORNSUN Science& Techno...
G1212KS-1W MORNSUN-G1212KS-1W Datasheet
292Kb / 3P
DUAL OUTPUT DC-DC CONVERTER
UWD240512K-15W MORNSUN-UWD240512K-15W Datasheet
469Kb / 3P
DUAL OUTPUT DC-DC CONVERTER
logo
Astrodyne Corporation
ADD155 ASTRODYNE-ADD155 Datasheet
606Kb / 3P
155W Dual Output with Battery Charging UPS Function
logo
PULS GmbH
UBC10.241 PULS-UBC10.241 Datasheet
1Mb / 23P
DC-UPS
UB20.241 PULS-UB20.241 Datasheet
887Kb / 31P
DC-UPS
UB10.242 PULS-UB10.242 Datasheet
721Kb / 21P
DC-UPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com