Electronic Components Datasheet Search
  English  ▼

X  

UB10.242 Datasheet(PDF) 21 Page - PULS GmbH

Part # UB10.242
Description  DC-UPS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

UB10.242 Datasheet(HTML) 21 Page - PULS GmbH

Back Button UB10.242 Datasheet HTML 13Page - PULS GmbH UB10.242 Datasheet HTML 14Page - PULS GmbH UB10.242 Datasheet HTML 15Page - PULS GmbH UB10.242 Datasheet HTML 16Page - PULS GmbH UB10.242 Datasheet HTML 17Page - PULS GmbH UB10.242 Datasheet HTML 18Page - PULS GmbH UB10.242 Datasheet HTML 19Page - PULS GmbH UB10.242 Datasheet HTML 20Page - PULS GmbH UB10.242 Datasheet HTML 21Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
UB10.242
U–Series
24V, 10A, DC-UPS
Oct. 2009 / Rev. 1.0 DS-UB10.242-EN
All parameters are specified at an input voltage of 24V, 10A output load, 25°C ambient and after a 5 minutes run-in time
unless otherwise noted. It is assumed that the input power source can deliver a sufficient output current.
www.pulspower.com Phone +49 89 9278 0
Germany
28.3. USING THE INHIBIT INPUT
The inhibit input disables buffering. In normal mode, a static signal is required. In buffer mode, a pulse with a
minimum length of 250ms is required to stop buffering. The inhibit is stored and can be reset by cycling the input
voltage.
As long as the inhibit signal is active in normal mode, an internal relay contact will be opened and the battery will
not longer be charged.
For service purposes, the inhibit input can also be used to connect a service switch. Therefore, the inhibit signal can
be supplied from the output of the DC-UPS.
Fig. 28-3 Wiring example for inhibit input
24V
Power
Supply
-
DC-UPS
UB10
24V
IN
24V
OUT
12V
BAT
-
-
-
Signal Port
+ -
12V
Battery
Module
-
Buffered
Load
-
Service
Switch
28.4. TROUBLESHOOTING
The LEDs on the front of the unit and relay contacts indicate about the actual or elapsed status of the DC-UPS. Please
see also chapter 15.
The following guidelines provide instructions for fixing the most common failures and problems. Always start with
the most likely and easiest-to-check condition. Some of the suggestions may require special safety precautions. See
notes in section 26 first.
“Check wiring” LED is on
Check correct wiring between the battery and the DC-UPS
Check battery fuse. Is the battery fuse inserted or blown?
Check battery voltage (must be typically between 7.4V and 15.1V)
Check input voltage (must be typically between 22.8V and 30V)
Check battery polarity
DC-UPS did not buffer
Inhibit input was set
Battery did not have enough time to be charged and is still below the deep discharge
protection limit.
DC-UPS stopped buffering
Deep discharge protection stopped buffering
use a larger battery, or allow
sufficient time for charging the battery
Output was overloaded or short circuit
reduce load
Output has shut down
Cycle the input power to reset the DC-UPS
Let DC-UPS cool down, over temperature protection might have triggered.
DC-UPS constantly switches between normal mode and buffer mode
The supplying source on the input is too small and can not deliver sufficient current
Use a larger power supply or reduce the output load
21/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com