Electronic Components Datasheet Search
  English  ▼

X  

QS40.481 Datasheet(PDF) 13 Page - PULS GmbH

Part # QS40.481
Description  SINGLE PHASE INPUT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS40.481 Datasheet(HTML) 13 Page - PULS GmbH

Back Button QS40.481 Datasheet HTML 9Page - PULS GmbH QS40.481 Datasheet HTML 10Page - PULS GmbH QS40.481 Datasheet HTML 11Page - PULS GmbH QS40.481 Datasheet HTML 12Page - PULS GmbH QS40.481 Datasheet HTML 13Page - PULS GmbH QS40.481 Datasheet HTML 14Page - PULS GmbH QS40.481 Datasheet HTML 15Page - PULS GmbH QS40.481 Datasheet HTML 16Page - PULS GmbH QS40.481 Datasheet HTML 17Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
QS40.481
Q-Series
48V, 20A, SINGLE PHASE INPUT
15. TERMINALS AND WIRING
The terminals are IP20 Finger safe constructed and suitable for field and factory wiring.
Input
Output
DC-OK, Shut-down
Type
screw termination
screw termination
spring-clamp termination
Solid wire
0.5-6mm2
0.5-16mm2
0.15-1.5mm2
Stranded wire
0.5-4mm2
0.5-10mm2
0.15-1.5mm2
American Wire Gauge
AWG 20-10
AWG 22-8
AWG 26-14
Max. wire diameter
2.8mm
(including ferrules)
5.2mm
(including ferrules)
1.5mm
(including ferrules)
Wire stripping length
7mm / 0.28inch
12mm / 0. 5inch
7mm / 0.28inch
Screwdriver
3.5mm slotted or cross-
head No 2
3.5mm or 5mm slotted
or cross-head No 2
3mm slotted
(to open the spring)
Recommended tightening torque
1Nm, 9lb.in
2.3Nm, 20.5lb.in
Not applicable
Instructions:
a) Use appropriate copper cables that are designed for minimum operating temperatures of:
60°C for ambient up to 45°C and
75°C for ambient up to 60°C minimum
90°C for ambient up to 70°C minimum.
b) Follow national installation codes and installation regulations!
c) Ensure that all strands of a stranded wire enter the terminal connection!
d) Do not use the unit without PE connection.
e) Unused terminal compartments should be securely tightened.
f) Ferrules are allowed.
Daisy chaining:
Daisy chaining (jumping from one power supply output to the next) is allowed as long as the average output current
through one terminal pin does not exceed 54A. If the current is higher, use a separate distribution terminal block as
shown in Fig. 15-2.
Fig. 15-1 Daisy chaining of outputs
Fig. 15-2 Using distribution terminals
Load
+
-
Power
Supply
+ +
- -
Output
Power
Supply
+ +
- -
Output
max 54A!
Distribution
Terminals
Load
+
-
Power
Supply
+ +
- -
Output
Power
Supply
+ +
- -
Output
Jul. 2015 / Rev. 1.2 DS-QS40.481-EN
All parameters are specified at 48V, 20A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
13/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com