Electronic Components Datasheet Search
  English  ▼

X  

SMB Datasheet(PDF) 7 Page - Tyco Electronics

Part # SMB
Description  RF Coax Connectors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMB Datasheet(HTML) 7 Page - Tyco Electronics

Back Button SMB Datasheet HTML 3Page - Tyco Electronics SMB Datasheet HTML 4Page - Tyco Electronics SMB Datasheet HTML 5Page - Tyco Electronics SMB Datasheet HTML 6Page - Tyco Electronics SMB Datasheet HTML 7Page - Tyco Electronics SMB Datasheet HTML 8Page - Tyco Electronics SMB Datasheet HTML 9Page - Tyco Electronics SMB Datasheet HTML 10Page - Tyco Electronics SMB Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
182
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
SMB Connectors, 50 Ohm (Continued)
5/4.88
[.197/.192]
Dia.
2.08/2.01
[.082/.079]
Maximum Panel Thickness 2.36 [.093]
Recommended Panel Cutout
Bulkhead PC Board Jack,
Solder Receptacle Kits
SMB Receptacle Jack
Center
Body
Kit
Type
Contact
Dielectric
Style
Part
Plating
Plating
No.
Front Mount
Gold
Nickel
TEFLON
MIL Type
228216-1*
Rear Mount
Gold
Nickel
TEFLON
MIL Type
228215-1*
*includes Jam Nut and Lockwasher
Center
Body
Type
Contact
Dielectric
Style
Part No.
Plating
Plating
Front Mount
Gold
Nickel
TEFLON
MIL Type
414895-1
Lockwasher and Jam Nut
Part No.
415001-2
Part No.
414969-2
Kit Includes Lockwasher
and Jam Nut
6.35
[.250]
3.71
[.146]
16.0
[.630]
Max.
Hex.
3.68
[.145]
6.99
[.275]
Dia.
0.97 ± 0.13
[.038 ± .001]
Dia.
Ref. Plane
Hex
10-32 UNEF-2A
4.45
[.175]
3.18
[.125]
2.92
[.115]
1.02
[.040]
3.45
[.136]
6.35
[.250]
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.
TEFLON is a trademark of E.I. Dupont de
Nemours and Company.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com