Electronic Components Datasheet Search
  English  ▼

X  

MS32 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # MS32
Description  AMR Switching-Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MS32 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  MS32 Datasheet HTML 1Page - TE Connectivity Ltd MS32 Datasheet HTML 2Page - TE Connectivity Ltd MS32 Datasheet HTML 3Page - TE Connectivity Ltd MS32 Datasheet HTML 4Page - TE Connectivity Ltd MS32 Datasheet HTML 5Page - TE Connectivity Ltd MS32 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SENSOR SOLUTIONS ///MS32 Rev 6
1/2016
Page 1
Figure 1: Characteristic curves for MS32 at
different ambient temperatures (-20°C, +30°C,
+80°C)
FEATURES
Sensor based on solid state
magnetoresistance effect
Unipolar signal output
Linear field response
High sensitivity, low hysteresis
Temperature compensated
switching point
Low power consumption due to high
bridge resistance
Supply voltage up to 30 V
Small TDFN package
MS32
Switching Sensor
SPECIFICATIONS
AMR Switching-Sensor
TDFN Outline 2.5x2.5x0.8 mm3
Temperature Compensated Switching Point
Low Power Consumption
The MS32 is a magnetic field sensor which is built in the form of a
Wheatstone bridge. Each of its four resistors is made from
Permalloy,
a material that shows the anisotropic magneto
resistance effect
. An unidirectional magnetic field in the surface
parallel to the chip (x-y plane) along the y-axis will deliver a field
dependent output signal. A magnetic switching point, which is
almost independent on temperature is typically set to
Hs=1.85 kA/m. In addition, the characteristic curve is linear over a
wide magnetic field range. Thus, the new MS32 simplifies the
adaption of the sensor to different mechanical and magnetical
environments. The sensor die is packaged in a TDFN package.
APPLICATIONS
Contactless position detection (presence,
open/close)
Industrial
Consumer
Automotive
Small stroke pneumatic cylinders
Cover positions of Notebooks and Mobiles
Doors, windows etc.
-6
-4
-2
0
2
4
6
8
0
1
2
3
4
5
6
7
H [kA/m ]
-20°C
+30°C
+80°C
Hs-range
sensitivity
sw itching field Hs


Similar Part No. - MS32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MS32 TI-MS32 Datasheet
403Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
logo
Zibo Seno Electronic En...
MS320 ZSELEC-MS320 Datasheet
136Kb / 2P
3.0A SCHOTTKY BARRIER DIODE
logo
List of Unclassifed Man...
MS3201 ETC1-MS3201 Datasheet
557Kb / 6P
115.2 kbps infrared transceiver module
logo
AMETHERM Circuit Protec...
MS320R536 AMETHERM-MS320R536 Datasheet
153Kb / 1P
Circuit Protection Thermistors
MS320R536 AMETHERM-MS320R536 Datasheet
29Kb / 2P
Erin Landis
More results

Similar Description - MS32

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-SM2L ICHAUS-IC-SM2L Datasheet
140Kb / 5P
LINEAR AMR SENSOR (2 mm)
IC-SM5L ICHAUS-IC-SM5L Datasheet
135Kb / 5P
LINEAR AMR SENSOR (5 mm)
logo
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
AMR Angle Sensor
logo
TE Connectivity Ltd
KMT32B TEC-KMT32B Datasheet
307Kb / 6P
AMR Sensor with 180째 period
KMT36H TEC-KMT36H Datasheet
221Kb / 7P
AMR Sensor with 360째 capability
logo
IC-Haus GmbH
IC-SM2L ICHAUS-IC-SM2L_14 Datasheet
439Kb / 8P
LINEAR AMR SENSOR
IC-SM5L ICHAUS-IC-SM5L_14 Datasheet
330Kb / 7P
LINEAR AMR SENSOR
logo
MultiDimension Technolo...
AMR3003 MULTIDIMENSION-AMR3003 Datasheet
664Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3008 MULTIDIMENSION-AMR3008 Datasheet
665Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3013P MULTIDIMENSION-AMR3013P Datasheet
643Kb / 4P
AMR3013P AMR Angle Sensor
Ver. 1.2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com