Electronic Components Datasheet Search
  English  ▼

X  

TPK Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPK
Description  2W 3KVDC Isolated Single And Dual Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPK Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPK Datasheet HTML 1Page - Toppower Electronic Technology Limited TPK Datasheet HTML 2Page - Toppower Electronic Technology Limited TPK Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPK Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 1 of 3
DESCRIPTION:
The TPK series are miniature, isolated 2W DC/DC converters in a SIP package. They offer the ideal
solution in many space critical applications for board level power distribution. The internal SMD
construction makes it possible to offer a product with high performance at low cost. The series offers
smaller size, improved efficiency, lower output ripple noise and 3KVDC isolation.
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current(Max./Min)
Load Regulation (Max)
Efficiency (Typ.)
Package
Style
V
V
mA
%
%
TPK0303SA
3.3
3.3
606/60.6
7.2
82
SIP
TPK0305SA
3.3
5
400/40
7.2
82
SIP
TPK0503SA
5
3.3
606/60.6
7.2
82
SIP
TPK0505SA
5
5
400/40
7.2
82
SIP
TPK0509SA
5
9
222/22.2
5.8
86
SIP
TPK0512SA
5
12
167/16.7
5.0
86
SIP
TPK0515SA
5
15
133/13.3
4.6
87
SIP
TPK1205SA
12
5
400/40
4.9
82
SIP
TPK1209SA
12
9
222/22.2
3.0
87
SIP
TPK1212SA
12
12
167/16.7
2.9
87
SIP
TPK1215SA
12
15
133/13.3
2.5
89
SIP
TPK1515SA
15
15
133/13.3
2.5
84
SIP
TPK2405SA
24
5
400/40
4.9
82
SIP
TPK2412SA
24
12
167/16.7
5.0
84
SIP
TPK2415SA
24
15
133/13.3
2.5
84
SIP
TPK2424SA
24
24
83.3/8.33
5.0
83
SIP
TPK0505S
5
±5
±200/±20
6.3
82
SIP
TPK0509S
5
±9
±111/±11.1
5.4
86
SIP
TPK0512S
5
±12
±83/±8.3
4.8
86
SIP
TPK0515S
5
±15
±67/±6.7
5.3
87
SIP
TPK0524S
5
±24
±41.65/±4.165
5.0
83
SIP
TPK1205S
12
±5
±200/±20
3.9
82
SIP
TPK1209S
12
±9
±111/±11.1
2.9
86
SIP
TPK1212S
12
±12
±83/±8.3
2.8
87
SIP
TPK1215S
12
±15
±67/±6.7
2.5
87
SIP
TPK1515S
15
±15
±67/±6.7
2.5
87
SIP
TPK2405S
24
±5
±200/±20
3.9
82
SIP
TPK2409S
24
±9
±111/±11.1
2.9
86
DIP
TPK2412S
24
±12
±83/±8.3
2.8
87
SIP
TPK2415S
24
±15
±67/±6.7
2.5
87
SIP
TPK2424S
24
±24
±41.65/±4.165
5.0
83
SIP
TPK0305DA
3.3
5
400/40
7.2
82
DIP
TPK0505DA
5
5
400/40
7.2
82
DIP
TPK0509DA
5
9
222/22.2
5.8
86
DIP
TPK0512DA
5
12
167/16.7
5.0
86
DIP
TPK0515DA
5
15
133/13.3
4.6
87
DIP
TPK1205DA
12
5
400/40
4.9
82
DIP
TPK1209DA
12
9
222/22.2
3.0
87
DIP
TPK1212DA
12
12
167/16.7
2.9
87
DIP
TPK1215DA
12
15
133/13.3
2.5
89
DIP
TPK1515DA
15
15
133/13.3
2.5
84
DIP
TPK2405DA
24
5
400/40
4.9
82
DIP
TPK2412DA
24
12
167/16.7
5.0
84
DIP
TPK2424DA
24
24
83.3/8.33
5.0
83
DIP
TPK0505D
5
±5
±200/±20
6.3
82
DIP
TPK0509D
5
±9
±111±/11.1
5.4
86
DIP
TPK0512D
5
±12
±83/±8.3
4.8
86
DIP
TPK0515D
5
±15
±67/±6.7
5.3
87
DIP
TPK1205D
12
±5
±200/±20
3.9
82
DIP
TPK1209D
12
±9
±111/±11.1
2.9
86
DIP
TPK1212D
12
±12
±83/±8.3
2.8
87
DIP
TPK1215D
12
±15
±67/±6.7
2.5
87
DIP
TPK1515D
15
±15
±67/±6.7
2.5
87
DIP
TPK2405D
24
±5
±200/±20
3.9
82
DIP
TPK2412D
24
±12
±83/±8.3
2.8
87
DIP
TPK2424D
24
±24
±41.65/±4.164
5.0
83
DIP
Add Suffix “P” for Continuous Short Circuit Protection, for example TPK0505SAP.
FEATURES
RoHS compliant
Efficiency from 80%
Input voltage: 3.3V, 5V,12V, 15V,24V
Operating temperature: -40℃to 105℃
UL 94V-0 package material
Output voltage: 3.3V,5V, 9V, 12V, 15V ,24V / ±5V, ±9V, ±12V, ±15V,±24V
Industry standard pinout
3KVDC isolation (1 minute)
CE certification
2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TOPPOWER


Similar Part No. - TPK

ManufacturerPart #DatasheetDescription
logo
GREATECS
TPK GREATECS-TPK Datasheet
425Kb / 3P
Tactile Switches with LED (two colors available)
logo
Toppower Electronic Tec...
TPK TOPPOWER-TPK Datasheet
738Kb / 3P
2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPK-3W TOPPOWER-TPK-3W Datasheet
640Kb / 3P
3W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPK-3WS TOPPOWER-TPK-3WS Datasheet
402Kb / 3P
3W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPK0303SA TOPPOWER-TPK0303SA Datasheet
738Kb / 3P
2W 3KVDC Isolated Single And Dual Output DC/DC Converters
More results

Similar Description - TPK

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KDC_NMK MURATA-KDC_NMK Datasheet
153Kb / 5P
3kVDC Isolated 2W Single & Dual Output DC/DC Converters
NMK2405SC MURATA-NMK2405SC Datasheet
232Kb / 6P
3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMK MURATA-PS-NMK Datasheet
265Kb / 6P
3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPH TOPPOWER-TPH Datasheet
651Kb / 4P
2W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPAT-2W TOPPOWER-TPAT-2W Datasheet
1Mb / 4P
2W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT-2W TOPPOWER-TPAT-2W_19 Datasheet
772Kb / 4P
2W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPK TOPPOWER-TPK_19 Datasheet
738Kb / 3P
2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPI-2W TOPPOWER-TPI-2W Datasheet
800Kb / 3P
2W 3KVDC Isolated & Regulated Single and Dual Output DC/DC Converters
TPH TOPPOWER-TPH_V01 Datasheet
732Kb / 4P
2W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMK MURATA-PS-NMK_V01 Datasheet
352Kb / 10P
3kVDC Isolated 2W Single & Dual Output DC-DC Converters
2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com