Electronic Components Datasheet Search
  English  ▼

X  

MPC99J93 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC99J93
Description  Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC99J93 Datasheet(HTML) 3 Page - Motorola, Inc

  MPC99J93 Datasheet HTML 1Page - Motorola, Inc MPC99J93 Datasheet HTML 2Page - Motorola, Inc MPC99J93 Datasheet HTML 3Page - Motorola, Inc MPC99J93 Datasheet HTML 4Page - Motorola, Inc MPC99J93 Datasheet HTML 5Page - Motorola, Inc MPC99J93 Datasheet HTML 6Page - Motorola, Inc MPC99J93 Datasheet HTML 7Page - Motorola, Inc MPC99J93 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MPC99J93
MOTOROLA TIMING SOLUTIONS
3
Table 2. ABSOLUTE MAXIMUM RATINGSa
Symbol
Characteristics
Min
Max
Unit
Condition
VCC
Supply Voltage
-0.3
3.9
V
VIN
DC Input Voltage
-0.3
VCC+0.3
V
VOUT
DC Output Voltage
-0.3
VCC+0.3
V
IIN
DC Input Current
±20
mA
IOUT
DC Output Current
±50
mA
TS
Storage temperature
-65
125
°C
a. Absolute maximum continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to these conditions
or conditions beyond those indicated may adversely affect device reliability. Functional operation at absolute-maximum-rated conditions is not
implied.
Table 3. GENERAL SPECIFICATIONS
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output termination voltage
VCC -2
V
MM
ESD Protection (Machine model)
175
V
HBM
ESD Protection (Human body model)
1500
V
CDM
ESD Protection (Charged device model
1000
V
LU
Latch-up immunity
100
mA
CIN
Input Capacitance
4.0
pF
Inputs
θJA
Thermal resistance junction to ambient
JESD 51-3, single layer test board
JESD 51-6, 2S2P multilayer test board
83.1
73.3
68.9
63.8
57.4
59.0
54.4
52.5
50.4
47.8
86.0
75.4
70.9
65.3
59.6
60.6
55.7
53.8
51.5
48.8
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
Natural convection
100 ft/min
200 ft/min
400 ft/min
800 ft/min
Natural convection
100 ft/min
200 ft/min
400 ft/min
800 ft/min
θJC
Thermal resistance junction to case
23.0
26.3
°C/W
MIL-SPEC 883E
Method 1012.1
TJ
Operating junction temperaturea
(continuous operation)
MTBF = 9.1 years
110
°C
a. Operating junction temperature impacts device life time. Maximum continuous operating junction temperature should be selected according
to the application life time requirements (See application note AN1545 for more information). The device AC and DC parameters are speci-
fied up to 110°C junction temperature allowing the MPC99J93 to be used in applications requiring industrial temperature range. It is recom-
mended that users of the MPC99J93 employ thermal modeling analysis to assist in applying the junction temperature specifications to their
particular application.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com