Electronic Components Datasheet Search
  English  ▼

X  

TPTV Datasheet(PDF) 4 Page - Toppower Electronic Technology Limited

Part # TPTV
Description  1W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPTV Datasheet(HTML) 4 Page - Toppower Electronic Technology Limited

  TPTV Datasheet HTML 1Page - Toppower Electronic Technology Limited TPTV Datasheet HTML 2Page - Toppower Electronic Technology Limited TPTV Datasheet HTML 3Page - Toppower Electronic Technology Limited TPTV Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TPTV Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 4 of 4
REEL PACKAGING DETAILS
LEADER SECTION
400MIN
CARRIER TAPE START
100MIN
GOODS ENCLOSURE
SECTION
TRAILER SECTION
160MIN
Product Orientation
Pin 1, located nearest to carrier drive sprocket
Reel Quantity : 500PCS
TOPPOWER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com