Electronic Components Datasheet Search
  English  ▼

X  

TPV0303DA Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPV0303DA
Description  1W 3KVDC Isolated Single & Dual Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPV0303DA Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPV0303DA Datasheet HTML 1Page - Toppower Electronic Technology Limited TPV0303DA Datasheet HTML 2Page - Toppower Electronic Technology Limited TPV0303DA Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPV 3.3V,5V,9V,12V&15V Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 3 of 3
* Pin not fitted on single output variants.
Weight: 2.4g (DIP) 2.1g (SIP)
All dimensions in mm ±0.25mm. All pins on a 2.54 mm pitch and within ±0.25mm of true
position.
TEMPERATURE DERATING GRAPHS
TPV0505SA TOLERANCE ENVELOPES
OTHER TOLERANCE ENVELOPES
MECHANICAL DIMENSIONS
PIN CONNECTIONS
DIP Package
SIP Package
Single output variants
14 PIN DIP
Pin
Function
1
-Vin
7
NC
8
+Vout
10
-Vout
14
+Vin
7 PIN SIP
Pin
Function
1
+Vin
2
-Vin
5
-Vout
7
+Vout
Dual output variants
14 PIN DIP
Pin
Function
1
-Vin
7
NC
8
+Vout
9
0V
10
-Vout
14
+Vin
7 PIN SIP
Pin
Function
1
+Vin
2
-Vin
5
-Vout
6
0V
7
+Vout
RECOMMENDED FOOTPRINT DETAILS
14Pin DIP
7Pin SIP
TUBE OUTLINE DIMENSIONS
SOLDERING INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300℃ for 10 seconds,this series are backward compatible with
Sn/Pb soldering systems.
0.30
0.20
15.24
1.25
2.54
YYWW
TPV0505S
19.50
0.55
0.45
TPV0505D
YYWW
19.50
2.54
2.13
15.24
0.55
0.45
1
7
8
9
10
14
1 2
5
6
7
1.88±0.50
9.80
6.80
6.00
10.00
3.60
4.60
1.09
7.62
0.20
0.30
0.45
0.55
3.60
4.60
*
*
bottom view
bottom view
TOPPOWER
TOPPOWER
14Pin DIP
7Pin SIP
9.30
5.00
12.00
5.10
0.65
2.54
6 孔
1.00
1.15
6 HOLES
Unless otherwise stated all dimensions in mm ±0.5mm.
Tube length (14 Pin DIP) : 520mm ±2mm.
Tube length (7 Pin SIP) : 520mm ±2mm.
Tube Quantity : 25PCS
Output Load Current(%)
+9.5%
+5%
V
NOM
-2.5%
+2.5%
-8%
100
75
50
25
10
Typical Load
Line
Output Load Current(%)
+7%
V
NOM
+2%
-4%
100
75
50
25
10
Typical Load Line
5 HOLES
1.00
1.15
2.54
1.5
1.0
0.5
0
-40
0
50 100
150
Ambient Temperature(°C)
85°C
Safe Operating Area
105
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com