Electronic Components Datasheet Search
  English  ▼

X  

TPV2409SA Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPV2409SA
Description  1W 3KVDC Isolated Single & Dual Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPV2409SA Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPV2409SA Datasheet HTML 1Page - Toppower Electronic Technology Limited TPV2409SA Datasheet HTML 2Page - Toppower Electronic Technology Limited TPV2409SA Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPV 24V & 48V Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 1 of 3
DESCRIPTION:
The TPV
series are miniature, isolated 1W DC/DC converters in a SIP and DIP package. They
offer the ideal solution in many space critical applications for board level power distribution. The
Internal SMD construction makes it possible to offer a product with high performance at low cost.
The series offers smaller size, improved efficiency and 3KVDC isolation.
1W 3KVDC Isolated Single & Dual Output DC/DC Converters
FEATURES
RoHS compliant、CE certification
Efficiency to 80%
Power density up to 0.85W/cm3
Single or dual output
UL 94V-0 package material
Power sharing on dual output
Footprint from 1.17cm2
Industry standard pinout
3KVDC isolation (1 minute)
Input voltage: 24V, 48V
Output voltage: 3.3V,5V, 9V, 12V, 15V / ±5V, ±9V, ±12V, ±15V
Operating temperature: -40ºC to 105ºC
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current
(Max./Min)
Efficiency
Package Style
V
V
mA
%
TPV2405DA
24
5
200/20
71
DIP
TPV2409DA
24
9
111/11.1
79
DIP
TPV2412DA
24
12
84/8.4
80
DIP
TPV2415DA
24
15
67/6.7
81
DIP
TPV2403SA
24
3.3
303/30.3
70
SIP
TPV2405SA
24
5
200/20
71
SIP
TPV2409SA
24
9
111/11.1
79
SIP
TPV2412SA
24
12
84/8.4
80
SIP
TPV2415SA
24
15
67/6.7
81
SIP
TPV2424SA
24
24
42/4.2
77
SIP
TPV4805DA
48
5
200/20
71
DIP
TPV4809DA
48
9
111/11.1
79
DIP
TPV4812DA
48
12
84/8.4
80
DIP
TPV4815DA
48
15
67/6.7
81
DIP
TPV4803SA
48
3.3
303/30.3
71
SIP
TPV4805SA
48
5
200/20
71
SIP
TPV4809SA
48
9
111/11.1
79
SIP
TPV4812SA
48
12
84/8.4
80
SIP
TPV4815SA
48
15
67/6.7
81
SIP
TPV2405D
24
±5
±100/±10
71
DIP
TPV2409D
24
±9
±56/±5.6
79
DIP
TPV2412D
24
±12
±41/±4.1
80
DIP
TPV2415D
24
±15
±33/±3.3
81
DIP
TPV2405S
24
±5
±100/±10
71
SIP
TPV2409S
24
±9
±56/±5.6
79
SIP
TPV2412S
24
±12
±41/±4.1
80
SIP
TPV2415S
24
±15
±33/±3.3
81
SIP
TPV4805D
48
±5
±100/±10
71
DIP
TPV4809D
48
±9
±56/±5.6
79
DIP
TPV4812D
48
±12
±41/±4.1
80
DIP
TPV4815D
48
±15
±33/±3.3
81
DIP
TPV4805S
48
±5
±100/±10
71
SIP
TPV4809S
48
±9
±56/±5.6
79
SIP
TPV4812S
48
±12
±41/±4.1
80
SIP
TPV4815S
48
±15
±33/±3.3
81
SIP
Add suffix “P” for continuous short circuit protection, for example TPV2405SAP.
TOPPOWER


Similar Part No. - TPV2409SA

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPV2409SA TOPPOWER-TPV2409SA Datasheet
706Kb / 3P
TPV 24V & 48V Series
TPV2409SA-W5 TOPPOWER-TPV2409SA-W5 Datasheet
215Kb / 3P
0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV2409SA-W5 TOPPOWER-TPV2409SA-W5 Datasheet
855Kb / 3P
0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
More results

Similar Description - TPV2409SA

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
3kVDC Isolated 1W Single & Dual Output DC-DC Converters
NMV CANDD-NMV Datasheet
119Kb / 2P
3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
MEV1S0505SC MURATA-MEV1S0505SC Datasheet
209Kb / 10P
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMV0505DAC MURATA-NMV0505DAC Datasheet
227Kb / 6P
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
MEV1D1515SC MURATA-MEV1D1515SC Datasheet
180Kb / 10P
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMV2415SC MURATA-NMV2415SC Datasheet
216Kb / 4P
3kVDC Isolated 1W Single Dual Output DC/DC Converters
logo
Murata Power Solutions ...
MEV1 MURATA-PS-MEV1 Datasheet
274Kb / 10P
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPV15V TOPPOWER-TPV15V Datasheet
659Kb / 3P
1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV TOPPOWER-TPV_19 Datasheet
234Kb / 3P
1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMV0505DAC MURATA-PS-NMV0505DAC_V01 Datasheet
360Kb / 11P
3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com