Electronic Components Datasheet Search
  English  ▼

X  

MPC9600 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC9600
Description  LOW VOLTAGE 2.5 V AND 3.3 V CMOS PLL CLOCK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9600 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC9600 Datasheet HTML 1Page - Motorola, Inc MPC9600 Datasheet HTML 2Page - Motorola, Inc MPC9600 Datasheet HTML 3Page - Motorola, Inc MPC9600 Datasheet HTML 4Page - Motorola, Inc MPC9600 Datasheet HTML 5Page - Motorola, Inc MPC9600 Datasheet HTML 6Page - Motorola, Inc MPC9600 Datasheet HTML 7Page - Motorola, Inc MPC9600 Datasheet HTML 8Page - Motorola, Inc MPC9600 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order Number: MPC9600/D
Rev. 2, 11/2001
© Motorola, Inc. 2001
Low Voltage 2.5 V and 3.3 V
CMOS PLL Clock Driver
The MPC9600 is a low voltage 2.5 V or 3.3 V compatible, 1:21 PLL
based clock driver and fanout buffer. With output frequencies up to 200
MHz and output skews of 150 ps, the device meets the needs of the most
demanding clock tree applications.
Features:
• Multiplication of input frequency by 2, 3, 4 and 6
• Distribution of output frequency to 21 outputs organized in three output
banks: QA0-QA6, QB0-QB6, QC0-QC6, each fully selectable
• Fully integrated PLL
• Selectable output frequency range is 50 to 100 MHz and 100 to 200 MHz
• Selectable input frequency range is 16.67 to 33 MHz and 25 to 50 MHz
• LVCMOS outputs
• Outputs disable to high impedance (except QFB)
• LVCMOS or LVPECL reference clock options
• 48 lead QFP packaging
•±50 ps cycle-to-cycle jitter
• 150 ps maximum output-to-output skew
• 200 ps maximum static phase offset window
The MPC9600 is a fully LVCMOS 2.5 V or 3.3 V compatible PLL clock
driver. The MPC9600 has the capability to generate clock signals of 50 to
200 MHz from clock sources of 16.67 to 50 MHz. The internal PLL is
optimized for this frequency range and does not require external loop filter
components. QFB provides an output for the external feedback path to
the feedback input FB_IN. The QFB divider ratio is configurable and
determines the PLL frequency multiplication factor when QFB is directly
connected to FB_IN. The MPC9600 is optimized for minimizing the
propagation delay between the clock input and FB_IN.
Three output banks of 7 outputs each bank can be individually configured to divide the VCO frequency by 2 or by 4. Combining
the feedback and output divider ratios, the MPC9600 is capable to multiply the input frequency by 2, 3, 4 and 6.
The reference clock is selectable either LVPECL or LVCMOS. The LVPECL reference clock feature allows the designer to use
LVPECL fanout buffers for the inner branches of the clock distribution tree. All control inputs accept LVCMOS compatible levels.
The outputs provide low impedance LVCMOS outputs capable of driving parallel terminated 50
Ω transmission to VTT=VCC/2.
For series terminated lines the MPC9600 can drive two lines per output giving the device an effective total fanout of 1:42. With
guaranteed maximum output-to-output skew of 150 ps, the MPC9600 PLL clock driver meets the synchronization requirements
of the most demanding systems.
The VCCA analog power pin doubles as a PLL bypass select line for test purpose. When the VCCA is driven to GND the
reference clock will bypass the PLL.
The device is packaged in a 48-lead LQFP package to provide optimum combination of board density and performance.
MPC9600
3.3 V OR 2.5 V
LOW VOLTAGE CMOS
PLL CLOCK DRIVER
FA SUFFIX
48–LEAD LQFP PACKAGE
CASE 932–03
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC9600

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MPC9600AE IDT-MPC9600AE Datasheet
384Kb / 15P
Low Voltage, 2.5V and 3.3V LVCMOS PLL Clock Driver
logo
Freescale Semiconductor...
MPC9600FA FREESCALE-MPC9600FA Datasheet
326Kb / 16P
LOW VOLTAGE 2.5V AND 3.3 V CMOS PLL CLOCK DRIVER
More results

Similar Description - MPC9600

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2049-34 ICST-MK2049-34 Datasheet
135Kb / 11P
3.3 V Communications Clock PLL
Revision 121400
MK2049-35 ICST-MK2049-35 Datasheet
125Kb / 10P
3.3 V Communications Clock PLL
Revision 121300
MK2049-36 ICST-MK2049-36 Datasheet
125Kb / 10P
3.3 V Communications Clock PLL
Revision 120400
logo
Texas Instruments
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_10 Datasheet
460Kb / 25P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCEL913-Q1 TI1-CDCEL913-Q1 Datasheet
662Kb / 26P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
logo
Freescale Semiconductor...
MPC9600FA FREESCALE-MPC9600FA Datasheet
326Kb / 16P
LOW VOLTAGE 2.5V AND 3.3 V CMOS PLL CLOCK DRIVER
logo
Texas Instruments
CDCE813-Q1_1904 TI1-CDCE813-Q1_1904 Datasheet
1Mb / 34P
Programmable 1-PLL Clock Synthesizer and Jitter Cle With 2.5-V and 3.3-V Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com